Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 5 Page - Texas Instruments

  DAC3282 Datasheet HTML 1Page - Texas Instruments DAC3282 Datasheet HTML 2Page - Texas Instruments DAC3282 Datasheet HTML 3Page - Texas Instruments DAC3282 Datasheet HTML 4Page - Texas Instruments DAC3282 Datasheet HTML 5Page - Texas Instruments DAC3282 Datasheet HTML 6Page - Texas Instruments DAC3282 Datasheet HTML 7Page - Texas Instruments DAC3282 Datasheet HTML 8Page - Texas Instruments DAC3282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DACVDD18(2)
–0.5 to 2.3
V
DIGVDD18(2)
–0.5 to 2.3
V
Supply voltage range
CLKVDD18(2)
–0.5 to 2.3
V
VFUSE(2)
–0.5 to 2.3
V
AVDD33(2)
–0.5 to 4
V
Terminal voltage range
CLKVDD18 to DIGVDD18
–0.5 to 0.5
V
DACVDD18 to DIGVDD18
–0.5 to 0.5
V
D[7..0]P ,D[7..0]N, DATACLKP,DATACLKN, FRAMEP,
–0.5 to DIGVDD18 + 0.5
V
FRAMEN(2)
DACCLKP, DACCLKN, OSTRP, OSTRN(2)
–0.5 to CLKVDD18 + 0.5
V
ALARM_SDO, SDIO, SCLK, SDENB, RESETB, TXENABLE(2)
–0.5 to DIGVDD18 + 0.5
V
IOUTA1/B1, IOUTA2/B2(2)
–1.0 to AVDD33 + 0.5
V
EXTIO, BIASJ(2)
–0.5 to AVDD33 + 0.5
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Operating free-air temperature range, TA: DAC3282
–40 to 85
°C
Storage temperature range
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
THERMAL CONDUCTIVITY
48ld QFN
UNIT
TJ
Maximum Junction Temperature(1) (2)
125
°C
Theta junction-to-ambient (still air)
30
°C/W
qJA
Theta junction-to-ambient (150 lfm)
24
°C/W
qJB
Theta junction-to-board
8
°C/W
qJP
Theta junction-to-pad
1.3
°C/W
(1)
Air flow or heat sinking reduces qJA and may be required for sustained operation at 85° and maximum operating conditions.
(2)
It is strongly recommended to solder the device thermal pad to the board ground plane.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com