Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 29Page - Texas Instruments DAC3282 Datasheet HTML 30Page - Texas Instruments DAC3282 Datasheet HTML 31Page - Texas Instruments DAC3282 Datasheet HTML 32Page - Texas Instruments DAC3282 Datasheet HTML 33Page - Texas Instruments DAC3282 Datasheet HTML 34Page - Texas Instruments DAC3282 Datasheet HTML 35Page - Texas Instruments DAC3282 Datasheet HTML 36Page - Texas Instruments DAC3282 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-160
-140
-120
-100
-80
-60
-40
-20
0
20
f/fin
0.36 0.37 0.38 0.39 0.4 0.41 0.42 0.43 0.44 0.45 0.46
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
f/fin
0
0.02 0.04 0.06 0.08 0.1
0.12 0.14 0.16 0.18 0.2
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
FIR4
Sin(x)/x
Corrected
f
/f
OUT DAC
0
0.05 0.1 0.15 0.2 0.25
0.3 0.35
0.4 0.45 0.5
-4
-3
-2
-1
0
1
2
3
4
FIR4
Corrected
Sin(x)/x
f
/f
OUT DAC
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
The zero-IF sinc filter has a gain > 1 at all frequencies. Therefore, the input data must be reduced from full scale
to prevent saturation in the filter. The amount of back-off required depends on the signal frequency, and is set
such that at the signal frequencies the combination of the input signal and filter response is less than 1 (0 dB).
For example, if the signal input to FIR4 is at 0.1 × fDAC, the response of FIR4 is 0.1 dB, and the signal must be
backed off from full scale by 0.1 dB to avoid saturation.
The filter taps for all digital filters are listed in Table 5.
Note that the loss of signal amplitude may result in lower SNR due to decrease in signal amplitude.
Figure 37. Magnitude Spectrum for FIR0
Figure 38. FIR0 Transition Band
Figure 39. Magnitude Spectrum for Zero-IF Sinc
Figure 40. Correction Range of Zero-IF Sinc
Correction Filter up to 0.5 × fDAC
Correction Filter 0 to 0.2 × fDAC
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com