Electronic Components Datasheet Search
  English  ▼

X  

DAC3282 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC3282 Datasheet HTML 13Page - Texas Instruments DAC3282 Datasheet HTML 14Page - Texas Instruments DAC3282 Datasheet HTML 15Page - Texas Instruments DAC3282 Datasheet HTML 16Page - Texas Instruments DAC3282 Datasheet HTML 17Page - Texas Instruments DAC3282 Datasheet HTML 18Page - Texas Instruments DAC3282 Datasheet HTML 19Page - Texas Instruments DAC3282 Datasheet HTML 20Page - Texas Instruments DAC3282 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
A
Ref -18 dBm
CLRWR
*
*
*
RBW 30 kHz
VBW 300 kHz
SWT 10 s
Att
10 dB
*
1 RM
NOR
*
Center 153.6 MHz
Span 65 MHz
6.5 MHz/
EXT
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
Bandwidth
20 MHz
Power
-8.23 dBm
Adjacent Channel
Bandwidth
20 MHz
Lower
-65.14 dB
Spacing
20 MHz
Upper
-64.96 dB
2xInterpolation,0dBFS,
f
=491.52MSPS,
f
=153.6MHz
DAC
OUT
A
*
*
*
CLRWR
RBW 30 kHz
VBW 300 kHz
SWT 10 s
Ref -18.8 dBm
Att
15 dB
*
1 RM
NOR
*
Center 70 MHz
Span 65 MHz
6.5 MHz/
EXT
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
Bandwidth
20 MHz
Power
-7.17 dBm
Adjacent Channel
Bandwidth
20 MHz
Lower
-65.69 dB
Spacing
20 MHz
Upper
-67.79 dB
2xInterpolation,0dBFS,
f
=491.52MSPS,
f
=70MHz
DAC
OUT
1x
1x+invsinc
2x
2x+invsinc
2x+coarse_mix
0
50
100
150
200
250
300
350
f
-MSPS
DATA
400
500
600
700
800
900
1000
0
50
100
150
200
250
300
1x
1x+invsinc
2x
2x+invsinc
2x+coarse_mix
0
50
100
150
200
250
300
350
f
-MSPS
DATA
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS (continued)
Figure 25. 20MHz Single Carrier LTE, fOUT = 70 MHz
Figure 26. 20MHz Single Carrier LTE, fOUT = 153.6 MHz
Figure 27. Power vs fDATA
Figure 28. DVDD18 vs fDATA
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC3282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com