Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 82 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 82 Page - Maxim Integrated Products

Back Button DS3161 Datasheet HTML 78Page - Maxim Integrated Products DS3161 Datasheet HTML 79Page - Maxim Integrated Products DS3161 Datasheet HTML 80Page - Maxim Integrated Products DS3161 Datasheet HTML 81Page - Maxim Integrated Products DS3161 Datasheet HTML 82Page - Maxim Integrated Products DS3161 Datasheet HTML 83Page - Maxim Integrated Products DS3161 Datasheet HTML 84Page - Maxim Integrated Products DS3161 Datasheet HTML 85Page - Maxim Integrated Products DS3161 Datasheet HTML 86Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
Figure 8-36 shows a multi-device transmit interface in packet transfer mode multiple packet transfer to different
PHY ports. On clock edge 2, the POS device polls PHY port 'N'. On clock edge 3, PHY port 'N' indicates to the
POS device that it can accept a block of packet data by asserting TPXA. On clock edge 4, the POS device selects
PHY port 'N'. On clock edge 5, the POS device starts a packet transfer to PHY port 'N' by asserting
TEN, placing
the first byte of packet data on TDATA, and asserting TSOX to indicate the transfer of the first byte of the packet.
On clock edge 6, the POS device de-asserts TSOX as it continues to place additional bytes of the packet on
TDATA. And, PHY port 'N' drives its TSPA output high. On clock edge 10, the POS device polls PHY port 'M'. On
clock edge 11, the POS device asserts TEOP to indicate the transfer of the last byte of the packet to PHY port 'N'
and PHY port 'M' indicates to the POS device that it can accept a block of packet data by asserting TPXA. On clock
edge 12, the POS device de-asserts
TEN to end the packet transfer process to PHY port 'N' and selects PHY port
'M'. On clock edge 13, the POS device starts a packet transfer to PHY port 'M' by asserting
TEN, placing the first
byte of packet data on TDATA, and asserting TSOX to indicate the transfer of the first byte of the packet. And, PHY
port 'N' tri-states its TSPA output. On clock edge 14, the POS device de-asserts TSOX as it continues to place
additional bytes of the packet on TDATA. And, PHY port 'M' drives its TSPA output high.
Figure 8-36. POS-PHY Level 2 Transmit Multiple Packet Transfer to Different PHY Ports
(Polled Status Mode)
TCLK
TADR
TPXA
1F
1F
N
1F
1F
O
1F
M
1F
M
1F
N
1F
O
1F
P
1F
L
N
…
M
N
NO
L
M
1
19
20
23
4
5
7
6
8
10
11
12
13
14
15
16
17
18
9
X
P5
X
X
P6
P7
P8
X
TEN
TSOX
TEOP
TERR
TDAT
Transfer
To PHY
P1
P2
P3
…
P62
P63 P64
X
P1
P2
P3
P4
N
M
N
O
P
TSPA
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com