Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3161 Datasheet HTML 1Page - Maxim Integrated Products DS3161 Datasheet HTML 2Page - Maxim Integrated Products DS3161 Datasheet HTML 3Page - Maxim Integrated Products DS3161 Datasheet HTML 4Page - Maxim Integrated Products DS3161 Datasheet HTML 5Page - Maxim Integrated Products DS3161 Datasheet HTML 6Page - Maxim Integrated Products DS3161 Datasheet HTML 7Page - Maxim Integrated Products DS3161 Datasheet HTML 8Page - Maxim Integrated Products DS3161 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 384 page
background image
1
REV: 113006
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS3161, DS3162, DS3163, and DS3164
(DS316x)
integrate
ATM
cell/HDLC
packet
processor(s) with DS3/E3 framer(s) to map/demap
ATM cells or packets into as many as four DS3/E3
digital lines with DS3-framed, E3-framed, or clear-
channel data streams on per-port basis.
APPLICATIONS
Access Concentrators
SONET/SDH ADM
Multiservice Access
Platform (MSAP)
SONET/SDH Muxes
PBXs
Multiservice Protocol
Platform (MSPP)
Digital Cross Connect
Test Equipment
ATM and Frame Relay
Equipment
Routers and Switches
Integrated Access
Device (IAD)
PDH Multiplexer/
Demultiplexer
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS3161
0°C to +70°C
400 TE-PBGA (27mm x
27mm, 1.27mm pitch)
DS3161N
-40°C to +85°C
400 TE-PBGA (27mm x
27mm, 1.27mm pitch)
DS3162
0°C to +70°C
400 TE-PBGA (27mm x
27mm, 1.27mm pitch)
DS3162N
-40°C to +85°C
400 TE-PBGA (27mm x
27mm, 1.27mm pitch)
DS3163
0°C to +70°C
400 TE-PBGA (27mm x
27mm, 1.27mm pitch)
DS3163N
-40°C to +85°C
400 TE-PBGA (27mm x
27mm, 1.27mm pitch)
DS3164
0°C to +70°C
400 TE-PBGA (27mm x
27mm, 1.27mm pitch)
DS3164N
-40°C to +85°C
400 TE-PBGA (27mm x
27mm, 1.27mm pitch)
Note: Add the “+” suffix for the lead-free package option.
FUNCTIONAL DIAGRAM
CELL/
PACKET
PROCESSOR
DS316x
POS-PHY
or
UTOPIA
DS3/E3 LINE
INTERFACE
DS3/E3
FRAMER/
FORMATTER
FEATURES
Single (DS3161), Dual (DS3162), Triple
(DS3163), or Quad (DS3164) ATM/Packet PHYs
for DS3, E3, and Clear-Channel 52Mbps (CC52)
Pin Compatible for Ease of Port Density
Migration in the Same PC Board Platform
Each Port Independently Configurable
Universal PHYs Map ATM Cells and/or HDLC
Packets into DS3 or E3 Data Streams
UTOPIA L2/L3 or POS-PHY™ L2/L3 or SPI-3
Interface with 8-, 16-, or 32-Bit Bus Width
66MHz UTOPIA L3 and POS-PHY L3 Clock
52MHz UTOPIA L2 and POS-PHY L2 Clock
Ports Independently Configurable for Cell or
Packet Traffic in POS-PHY Bus Modes
Direct, PLCP, DSS, and Clear-Channel Cell
Mapping
Direct and Clear-Channel Packet Mapping
On-Chip DS3 (M23 or C-Bit) and E3 (G.751 or
G.832) Framer(s)
Ports Independently Configurable for DS3, E3
(Full or Subrate) or Arbitrary Framing Protocols
Up to 52Mbps
Programmable (Externally Controlled or
Internally Finite State Machine Controlled)
Subrate DS3/E3
DS3161/DS3162/DS3163/DS3164
Single/Dual/Triple/Quad
ATM/Packet PHYs for DS3/E3/STS-1
www.maxim-ic.com
POS-PHY and POS-PHY Level 3 are trademarks of PMC-Sierra, Inc.


Similar Part No. - DS3161

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS31 LUMILEDS-DS31 Datasheet
166Kb / 2P
Lumileds P3 Series TS AlInGaP Chips
logo
Advantech Co., Ltd.
DS31-185WP30DVA1E ADVANTECH-DS31-185WP30DVA1E Datasheet
1Mb / 2P
Fully configurable, high-reliability, rugged display solution with choice of brightness,touch and video input 18.5" Industrial Open Frame Monitor
DS31-190-P35DVA1E ADVANTECH-DS31-190-P35DVA1E Datasheet
1Mb / 2P
Fully configurable, high-reliability, rugged display solution with choice of brightness, touch and video input 19" Industrial Open Frame Monitor
logo
Bridgelux, Inc.
DS310 BRIDGELUX-DS310 Datasheet
2Mb / 22P
SMD 2835 1W 9V Thrive
03/2024
logo
Murata Manufacturing Co...
DS310-55Y5S104M16 MURATA-DS310-55Y5S104M16 Datasheet
840Kb / 22P
FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
More results

Similar Description - DS3161

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3152 DALLAS-DS3152 Datasheet
788Kb / 60P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
DS3254 DALLAS-DS3254 Datasheet
925Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
TDK Electronics
78P2243 TDK-78P2243 Datasheet
24Kb / 2P
Triple E3/DS3/STS-1 Transceiver
logo
Maxim Integrated Produc...
DS3181 MAXIM-DS3181 Datasheet
3Mb / 389P
Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
REV: 061604
logo
Dallas Semiconductor
DS3181 DALLAS-DS3181 Datasheet
3Mb / 400P
Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
logo
Maxim Integrated Produc...
DS3151 MAXIM-DS3151_07 Datasheet
694Kb / 61P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030607
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A Datasheet
710Kb / 65P
Single/Dual/Triple E3/DS3/STS-1
28333-DSH-001-A MA-COM-28333-DSH-001-A_15 Datasheet
710Kb / 65P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
logo
Maxim Integrated Produc...
DS3251 MAXIM-DS3251 Datasheet
909Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
DS3184DK MAXIM-DS3184DK Datasheet
2Mb / 23P
Quad ATM/Packet PHYs for DS3/E3/STS-1 with Built-In LIU Demo Kit
REV: 060106
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com