Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button DS3161 Datasheet HTML 26Page - Maxim Integrated Products DS3161 Datasheet HTML 27Page - Maxim Integrated Products DS3161 Datasheet HTML 28Page - Maxim Integrated Products DS3161 Datasheet HTML 29Page - Maxim Integrated Products DS3161 Datasheet HTML 30Page - Maxim Integrated Products DS3161 Datasheet HTML 31Page - Maxim Integrated Products DS3161 Datasheet HTML 32Page - Maxim Integrated Products DS3161 Datasheet HTML 33Page - Maxim Integrated Products DS3161 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
6.6 DS3/E3 G.751 PLCP ATM Mode
DS3/E3 G.751 PLCP ATM mode is a normal mode of operation for the DS316x device, which maps/de-maps ATM
cells into/from the DS3/E3 PLCP data stream. Major functional blocks for the DS3/E3 ATM/Packet mode are
shown in Figure 6-6. Mapping configuration is programmable on per port basis and is shown in Table 6-6.
The PMCPE configuration bit is ignored when in PLCP mode and ATM cell processing is forced.
Table 6-6. DS3/E3 G.751 PLCP ATM Mode Configuration Registers
MODE
FM[5:0]
SIM[1:0]
GL.CR1
PMCPE
PORT.CR2
UTOPIA L2 ATM
0XX100
00
X
UTOPIA L3 ATM
0XX100
01
X
POS-PHY L2 ATM
0XX100
10
1
POS-PHY L3 ATM
0XX100
11
1
POS-PHY L2 Packet
0XX100
10
0
POS-PHY L3 Packet
0XX100
11
0
Figure 6-6. DS3/E3 G.751 PLCP ATM Mode
IEEE 1149.1
JTAG Test
Access Port
Microprocessor
Interface
HDLC
FEAC
Tx Cell
Processor
Tx
FIFO
System
Interface
Rx Cell
Processor
Rx
FIFO
TX
PLCP
RX PLCP
TX
BERT
RX
BERT
TRAIL
TRACE
UA1
GEN
TAIS
TUA1
Clock Rate
Adapter
B3ZS/
HDB3
Encoder
B3ZS/
HDB3
Decoder
DS3 / E3
Transmit
Formatter
DS3 / E3
Receive
Framer
n = port # (1-4)
RLCLKn
TPOSn/
TDATn
TNEGn/
TOHMOn/
TLCLKn
RDATn
RPOSn/
RNEGn/
RLCVn/
ROHMIn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com