Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS3161 Datasheet HTML 45Page - Maxim Integrated Products DS3161 Datasheet HTML 46Page - Maxim Integrated Products DS3161 Datasheet HTML 47Page - Maxim Integrated Products DS3161 Datasheet HTML 48Page - Maxim Integrated Products DS3161 Datasheet HTML 49Page - Maxim Integrated Products DS3161 Datasheet HTML 50Page - Maxim Integrated Products DS3161 Datasheet HTML 51Page - Maxim Integrated Products DS3161 Datasheet HTML 52Page - Maxim Integrated Products DS3161 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
PIN
TYPE
FUNCTION
TPDENIn /
TPOHENn /
TFOHENIn
I
Transmit Payload Data Enable Input / PLCP Overhead Enable / Fractional OH Enable
Input /
See Table 10-20.
TPDENIn: When the port is configured for the Flexible fractional mode, this pin is
used to enable payload data from the cell/packet processor. There is a three-clock
delay between TPDENIn and TPDENOn. The signal is sampled on the positive clock
edge of the referenced clock pin if the clock pin signal is not inverted, otherwise it is
sampled on the falling edge of the clock. The signal is typically referenced to the
TCLKIn transmit clock input pins, but it can be referenced to the TLCLKn, TCLKOn,
RCLKOn and RLCLKn clock pins
This signal can be inverted.
TPOHENn: When the port framer is configured for one of the DS3 or E3 PLCP
framing modes, and the port is enabled, this signal will be used the determine which
DS3 or E3 PLCP framing overhead bits to over-write with the signal on the TPOHn
pins. The TPOHSOFn signal marks the start of the framing bit sequence. This signal
is sampled at the same time as the TPOHCLKn signal transitions high to low.
This signal can be inverted.
TFOHENIn: When the port framer is configured for the DS3 or E3 External Fractional
framing, this pin is used to mark the fractional overhead data on the TFOHn pin. The
TSOFOn or TSOFIn pins can be used to select which DS3/E3 payload bits relative to
the start of the DS3/E3 frame to mark. The signal is sampled on the positive clock
edge of the referenced clock pin if the clock pin signal is not inverted, otherwise it is
sampled on the falling edge of the clock. The signal is typically referenced to the
TCLKIn transmit clock input pins, but it can be referenced to the TLCLKn, TCLKOn,
RCLKOn and RLCLKn clock pins
This signal can be inverted.
TCLKOn /
TGCLKn /
TPOHCLKn
O
Transmit Clock Output / Gapped Clock / PLCP Overhead Clock
See Table 10-22.
TCLKOn: When the port is configured external fractional modes and TCLKOn is
selected, or any other mode and the port pins are enabled and TCLKOn is selected,
this clock output is enabled. This clock is the same clock as the internal framer
transmit clock. This clock is typically used for the reference clock for the TOHMIn /
TSOFIn, TFOHn / TSERn, TFOHENIn and TSOFOn / TDENn / TFOHENOn signals
but can also be used as the reference for the TPOSn / TDATn and TNEGn /
TOHMOn signals.
This signal can be inverted.
o
DS3: 44.736 MHz +20 ppm
o
E3: 34.368 MHz +20 ppm
o
CC52: 52 MHz +20 ppm
TGCLKn: When the port is configured internal fractional mode or any simple DS3/E3
framed mode and the port pins are enabled and TGCLKn is selected, this gated
output clock is enabled. This gapped clock is the same clock as the internal framer
transmit clock and is gated by either TDENn or TFOHENOn depending on which
signal is active. This clock is typically used for the reference clock for the TFOHn /
TSERn signals.
This signal can be inverted.
TPOHCLKn: When the port framer is configured for one of the DS3 or E3 PLCP
framing modes, the port pins are enabled and the TCLKOn pin function is not
selected, this clock is used for the transmit overhead port signals TPOHn, TPOHENn
and TPOHSOFn. The TPOHSOFn output signal is updated and the TPOHn and
TPOHENn input signals are sampled at the same time this clock signal transitions
from high to low. The external logic is expected to sample TPOHSOFn signal and
update the TPOHn and TPOHENn signals on the rising edge of this clock signal. This
clock is a low frequency clock.
This signal can be inverted.
TSOFOn /
O
Transmit PLCP Overhead Start Of Frame / Framer Start Of Frame /Data Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com