Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS3161 Datasheet HTML 15Page - Maxim Integrated Products DS3161 Datasheet HTML 16Page - Maxim Integrated Products DS3161 Datasheet HTML 17Page - Maxim Integrated Products DS3161 Datasheet HTML 18Page - Maxim Integrated Products DS3161 Datasheet HTML 19Page - Maxim Integrated Products DS3161 Datasheet HTML 20Page - Maxim Integrated Products DS3161 Datasheet HTML 21Page - Maxim Integrated Products DS3161 Datasheet HTML 22Page - Maxim Integrated Products DS3161 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
•
Single-bit and multiple-bit header error insertion for diagnostics
•
Controls include enables/disables/settings for: cell processing, HEC insertion, coset polynomial addition, cell
scrambling, fill cell type, error insertion type/rate/count, HEC bit corruption
•
Counter for number of cells read from the transmit FIFO
•
Cell mapping into the DS3/E3 frame, the PLCP frame, an externally defined frame, or the entire line bandwidth
•
Octet alignment option for externally defined frame formats
3.11 Transmit Packet Processor Features
•
FCS calculation (16-bit or 32-bit) and insertion/overwrite
•
Programmable FCS error insertion for diagnostics
•
Bit or octet stuffing
•
Programmable inter-frame fill insertion (flags or all-ones)
•
Automatic packet abort insertion
•
Packet scrambling using the self-synchronizing scrambler (x
43+1)
•
Controls include enables/disables/settings for: packet processing, FCS insertion or overwrite, 16/32-bit FCS,
inter-frame fill type/length, scrambling, FCS error insertion type/rate/count
•
Counters for number of packets and bytes read from the transmit FIFO
•
Octet alignment with octet stuffing option for externally defined frame formats
3.12 Transmit PLCP Formatter Features
•
Insertion of FAS bytes (A1, A2), path overhead identification (POI) bytes, and path overhead bytes
•
Generation of BIP-8 (B1), FEBE and RAI (G1)
•
C1 cycle/stuff counter generation referenced to GPIO4 input pin, referenced to the received PLCP timing, or
based on an 8 kHz division of one of the clock sources
•
Automatic or manual insertion of FAS errors, BIP-8 errors
•
All path overhead fields can be sourced from the PLCP transmit overhead port
•
HDLC port for data link messages on F1, M1 or M2 bytes
•
Trail Trace port for trace messages on F1 byte
3.13 Transmit DS3/E3 Formatter Features
•
Insertion of framing overhead for M23 or C-bit parity DS3,or G.751 E3 or G.832 E3
•
B3ZS/HDB3 encoding
•
Generation of RDI, AIS, and DS3 idle signal
•
Automatic or manual insertion of bipolar violations (BPVs), excessive zeroes (EXZ) occurrences, F-bit errors,
M-bit errors, FAS errors, P-bit parity errors, CP-bit parity errors, BIP-8 errors, and far end block errors (FEBE)
•
HDLC port for DS3 path maintenance data link (PMDL), G.751 national bit or G.832 NR or GC channels
•
FEAC port for DS3 FEAC channel can be configured to send one codeword, one codeword continuously, or
two different codewords back-to-back to send DS3 Line Loopback commands
•
16-byte Trail Trace Buffer port for the G.832 trail access point identifier
•
Insertion of G.832 payload type, and timing marker bits from registers
•
DS3 M23 C bits configurable as payload or overhead; as overhead they can be controlled from registers or the
transmit overhead port
•
Most framing overhead fields can be sourced from transmit overhead port
•
Formatter bypass mode for clear channel or externally defined format applications
•
Support for subrate DS3/E3, internally or externally controlled (Fractional DS3/E3)
3.14 Clock Rate Adapter Features
•
Generation of the internally needed DS3 (44.736 MHz), E3 (34.368 MHz), and STS-1(51.84 MHz) clocks a
from single input reference clock
•
Input reference clock can be 51.84 MHz, 44.736MHz or 34.368 MHz
•
Derived clocks can be transmitted off-chip for external system use
•
Standards compliant jitter and wander requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com