Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 91 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 91 Page - Maxim Integrated Products

Back Button DS3161 Datasheet HTML 87Page - Maxim Integrated Products DS3161 Datasheet HTML 88Page - Maxim Integrated Products DS3161 Datasheet HTML 89Page - Maxim Integrated Products DS3161 Datasheet HTML 90Page - Maxim Integrated Products DS3161 Datasheet HTML 91Page - Maxim Integrated Products DS3161 Datasheet HTML 92Page - Maxim Integrated Products DS3161 Datasheet HTML 93Page - Maxim Integrated Products DS3161 Datasheet HTML 94Page - Maxim Integrated Products DS3161 Datasheet HTML 95Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
9 INITIALIZATION AND CONFIGURATION
STEP 1: Check Device ID Code:
Before any testing can be done, device ID code, which is stored in GL.IDR, shoud be checked against device ID
codes shown below to ensure correct device is being used.
Current device ID codes are:
o
DS3161 rev 1.0:
0x40h
o
DS3162 rev 1.0:
0x41h
o
DS3163 rev 1.0:
0x42h
o
DS3164 rev 1.0:
0x43h
STEP 2: Initialize the Device.
Before configuring for operation, make sure the device is in a known condition with all registers set to their default
value by initiating a Global Reset. (See Section 10.3) A Global Reset can be initiated via the RST pin or by the
Global Reset bit (GL.CR1.RST). A Port Reset is not necessary since the global reset includes a reset of all ports to
their default values.
STEP 3: Clear the Reset.
It is necessary to clear the RST bit to begin normal operation.
After clearing the RST bit, the device is configured for default mode.
Default mode:
System Interface: UTOPIA Level 2, 8-bit databus
Framer: C-bit DS3
STEP 4: Clear the Data Path Resets and the Port Power-Down bit.
The default value of the Data Path Resets is one, which keeps the internal logic in the reset status. The user
needs to clear the following bits:
GL.CR1.RSTDP = 0
PORT.CR1.RSTDP = 0
PORT.CR1.PD = 0
STEP 5: Select the clock source.
Loop Time (use the receive clock (RLCLKn)): Set PORT.CR3.LOOPT = 1
CLAD Source: Set PORT.CR3.CLADC = 0
TCLKI Source: Set PORT.CR3.CLADC = 1
If using the CLAD, properly configure the CLAD by setting the CLAD bits in GL.CR2.
STEP 6: Configure the Framing Mode and the Line Mode.
PORT.CR2.LM = 0 (AMI/B3ZS/HDB3 Interface) or another setting. See Table 10-31
PORT.CR2.FM[5:0] set to the correct framing mode. See Table 10-30.
STEP 7: Disable Payload AIS (downstream AIS) and Line AIS
PORT.CR1.PAIS[2:0] = 111
PORT.CR1.LAIS[1:0] = 11
STEP 8: Initialize and configure the FIFOs.
Reset the Transmit and Receive FIFO. FF.TCR.TFRST = 1. FF.RCR.RFRST = 1.
Clear the FIFO Reset bits. FF.TCR.TFRST = 0. FF.RCR.RFRST = 0.
Set the FIFO Transmit Level Control Register and the FIFO Transmit Port Address Control Register.
Set the FIFO Receive Level Control Register and the FIFO Receive Port Address Control Register.
The Port Address needs to be configured to match the master controller address for each port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com