Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button DS3161 Datasheet HTML 24Page - Maxim Integrated Products DS3161 Datasheet HTML 25Page - Maxim Integrated Products DS3161 Datasheet HTML 26Page - Maxim Integrated Products DS3161 Datasheet HTML 27Page - Maxim Integrated Products DS3161 Datasheet HTML 28Page - Maxim Integrated Products DS3161 Datasheet HTML 29Page - Maxim Integrated Products DS3161 Datasheet HTML 30Page - Maxim Integrated Products DS3161 Datasheet HTML 31Page - Maxim Integrated Products DS3161 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
6.4 DS3/E3 External Fractional (Subrate) ATM/Packet Mode
DS3/E3 External Fractional Mode allows subrate datastreams to be inserted into a DS3 or E3 line, with the
fractional overhead externally controlled. Major functional blocks for the DS3/E3 Internal Fractional Mode are
shown in Figure 6-4. Mapping configuration is programmable on per port basis and is shown in Table 6-4.
The “-OHM” modes are not allowed in fractional framing modes since the user cannot distinguish between internal
framing overhead and external framing overhead bit locations.
Table 6-4. DS3/E3 External Fractional (XFRAC) ATM/Packet Mode Configuration
Registers
MODE
FM[5:0]
SIM[1:0]
GL.CR1
PMCPE
PORT.CR2
UTOPIA L2 ATM
0XX011
00
X
UTOPIA L3 ATM
0XX011
01
X
POS-PHY L2 ATM
0XX011
10
1
POS-PHY L3 ATM
0XX011
11
1
POS-PHY L2 Packet
0XX011
10
0
POS-PHY L3 Packet
0XX011
11
0
Figure 6-4. DS3/E3 External Fractional ATM/Packet Mode
IEEE P1149.1
JTAG Test
Access Port
Microprocessor
Interface
HDLC
FEAC
DS3 / E3
Transmit
Formatter
DS3 / E3
Receive
Framer
Trail
Trace
Buffer
Tx Cell
Processor
Tx
FIFO
Rx Cell
Processor
Rx
FIFO
Tx Packet
Processor
Rx Packet
Processor
TAIS
TUA1
Clock Rate
Adapter
TX BERT
RX BERT
UA1
GEN
B3ZS/
HDB3
Encoder
B3ZS/
HDB3
Decoder
RX FRAC
TX FRAC
n = port # (1-4)
RLCLKn
TPOSn/
TDATn
TNEGn/
TOHMOn/
TLCLKn
RDATn
RPOSn/
RNEGn/
RLCVn/
ROHMIn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com