Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button DS3161 Datasheet HTML 38Page - Maxim Integrated Products DS3161 Datasheet HTML 39Page - Maxim Integrated Products DS3161 Datasheet HTML 40Page - Maxim Integrated Products DS3161 Datasheet HTML 41Page - Maxim Integrated Products DS3161 Datasheet HTML 42Page - Maxim Integrated Products DS3161 Datasheet HTML 43Page - Maxim Integrated Products DS3161 Datasheet HTML 44Page - Maxim Integrated Products DS3161 Datasheet HTML 45Page - Maxim Integrated Products DS3161 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
NAME
TYPE
FUNCTION
PIN
MICROPROCESSOR INTERFACE
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
I/O
Data [15:0]
J5
T4
R4
P4
N4
V3
U3
T3
P3
N3
W2
U2
T2
P2
U1
P1
A[10]
A[9]
A[8]
A[7]
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
I
Address [10:1]
C3
D3
E3
G3
H3
D2
E2
G2
H2
E1
A[0] / BSWAP
Address [0] / Byte Swap
H1
ALE
I
Address Latch Enable
N2
CS
I
Chip Select (Active Low)
L3
RD / DS
I
Read Strobe (Active Low) / Data Strobe (Active Low)
K3
WR / R/W
I
Write Strobe (Active Low) / R/
W Select
K4
RDY
Oz
Ready Handshake (Active Low)
K2
INT
Oz
Interrupt (Active Low)
L4
MODE
I
Mode Select
RD/WR or DS Strobe Mode
B1
WIDTH
I
Width Select 8-Bit or 16-Bit Interface
L5
MISC I/O
GPIO[8]
GPIO[7]
GPIO[6]
GPIO[5]
GPIO[4]
GPIO[3]
GPIO[2]
GPIO[1]
I/O
General-Purpose I/O [8:1]
V2
V1
C2
C1
P5
R5
G5
F5
TEST
I
Test Enable (Active Low)
M3
HIZ
I
High-Impedance Test Enable (Active Low)
R3
RST
I
Reset (Active Low)
B16
JTAG
JTCLK
I
JTAG Clock
F3
JTMS
Ipu
JTAG Mode Select (with Pullup)
F4
JTDI
Ipu
JTAG Data Input (with Pullup)
J3
JTDO
Oz
JTAG Data Output
G4
JTRST
Ipu
JTAG Reset (Active Low with Pullup)
E4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com