| Electronic Components Datasheet Search |
|
DS3161 Datasheet(PDF) 84 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS3161 Datasheet(HTML) 84 Page - Maxim Integrated Products |
|
84 / 384 page ![]() DS3161/DS3162/DS3163/DS3164 8.3.5.4 POS-PHY Level 3 Functional Timing Figure 8-38 shows a multi-port transmit interface multiple packet transfer to different PHY ports. On clock edge 1, PHY port 'N' indicates to the POS device that it can accept a block of packet data by asserting TPXA. On clock edge 3, the POS device selects PHY port 'N' by placing its address on TDATA and asserting TSX while TEN is de- asserted. On clock edge 4, the POS device starts a packet transfer to PHY port 'N' by de-asserting TSX, asserting TEN, placing the first byte of packet data on TDATA, and asserting TSOX to indicate the transfer of the first byte of the packet. On clock edge 5, the POS device de-asserts TSOX as it continues to place additional bytes of the packet on TDATA and PHY port 'N' asserts TSPA. On clock edge 11, the POS device polls PHY port 'L'. On clock edge 12, PHY port 'N' indicates that it cannot accept any more data transfers by de-asserting TSPA. On clock edge 13, PHY port 'L' indicates to the POS device that it can accept a block of packet data by asserting TPXA. On clock edge 14, the POS device de-asserts TEN to end the packet transfer process to PHY port 'N' and selects PHY port 'L' by placing its address on TDATA and asserting TSX while TEN is de-asserted. On clock edge 15, the POS device starts a packet transfer to PHY port 'L' by asserting TEN, de-asserting TSX, placing the first byte of packet data on TDATA, and asserting TSOX to indicate the transfer of the first byte of the packet. On clock edge 16, the POS device de-asserts TSOX as it continues to place additional bytes of the packet on TDATA and PHY port 'L' asserts TSPA. Figure 8-38. POS-PHY Level 3 Transmit Multiple Packet Transfer In-Band Addressing M N O L P P39 P38 PM O LN P40 P41 P42 TCLK TADR TPXA P M N O P L M N OP L N 1 19 20 23 4 5 7 6 8 10 11 12 13 14 15 16 17 18 9 X P5 P6 X TEN TEOP TERR TDAT Transfer To PHY N LN P M TSPA OP M O L N P43 TSOX P44 L P1 P2 P3 P4 TSX M O … M L N … N P1 P2 … P L |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |