Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3161 Datasheet HTML 1Page - Maxim Integrated Products DS3161 Datasheet HTML 2Page - Maxim Integrated Products DS3161 Datasheet HTML 3Page - Maxim Integrated Products DS3161 Datasheet HTML 4Page - Maxim Integrated Products DS3161 Datasheet HTML 5Page - Maxim Integrated Products DS3161 Datasheet HTML 6Page - Maxim Integrated Products DS3161 Datasheet HTML 7Page - Maxim Integrated Products DS3161 Datasheet HTML 8Page - Maxim Integrated Products DS3161 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
2
FEATURES (continued)
Full-Featured DS3/E3/PLCP Alarm Generation
and Detection
Built-In HDLC Controllers with 256-Byte FIFOs
for Insertion/Extraction of DS3 PMDL, G.751 Sn
Bit, and G.832 NR/GC Bytes and PLCP NR/GC
Bytes
On-Chip BERTs for PRBS and Repetitive Pattern
Generation, Detection, and Analysis
Large Performance-Monitoring Counters for
Accumulation Intervals of at Least 1 Second
Flexible Overhead Insertion/Extraction Ports for
DS3, E3, and PLCP Framers
Pin and Software Compatible with DS3181–
DS3184 Single–Quad ATM/Packet PHYs with
Built-In LIUs and DS3171–DS3174 Single–Quad
DS3/E3 Single-Chip Transceivers—Framers and
LIUs
DETAILED DESCRIPTION
The DS3161 (single), DS3162 (dual), DS3163 (triple), and DS3164 (quad) PHYs perform all the functions
necessary for mapping/demapping ATM cells and/or packets into as many as four DS3 (44.736Mbps) framed, E3
(34.368Mbps) framed, or 52Mbps clear-channel data streams. Dedicated cell processor and packet processor
blocks prepare outgoing cells or packets for transmission and check incoming cells or packets upon arrival. Built-in
DS3/E3 framers transmit and receive cell/packet data in properly formatted M23 DS3, C-bit DS3, G.751 E3, or
G.832 E3 data streams. PLCP framers provide legacy ATM transmission-convergence support. DSS scrambling is
performed for clear-channel ATM cell support. With integrated hardware support for both cells and packets, the
DS316x DS3/E3 ATM/Packet PHYs provide system-on-chip solutions (from DS3/E3/STS-1 digital lines to
ATM/Packet UTOPIA/POS-PHY Level 2/3 system switch) for universal high-density line cards in the unchannelized
DS3/E3/clear-channel DS3 ATM/Packet applications. Unused functions can be powered down to reduce device
power. The DS316x ATM/Packet PHYs with embedded framers conform to the telecommunications standards
listed in Section 4.
1 BLOCK DIAGRAM
Figure 1-1 shows the functional block diagram of one channel ATM/Packet PHY.
Figure 1-1. DS316x Functional Block Diagram
IEEE P1149.1
JTAG Test
Access Port
Microprocessor
Interface
HDLC
FEAC
DS3 / E3
Transmit
Formatter
DS3 / E3
Receive
Framer
Trail
Trace
Buffer
Tx Cell
Processor
Tx
FIFO
Rx
Cell
Processor
Rx
FIFO
Tx Packet
Processor
Rx
Packet
Processor
TAIS
TUA1
TX
FRAC/
PLCP
RX FRAC/
PLCP
Clock
Rate
Adapter
TX BERT
RX BERT
UA1
GEN
B3ZS/
HDB3
Encoder
B3ZS/
HDB3
Decoder
TSCLK
TADR[4:0]
TDATA[31:0]
TPRTY
TEN
TDXA[4:2]
TSOX
TEOP
TSPA
TSX
TMOD[1:0]
TERR
RSCLK
RADR[4:0]
RDATA[31:0]
RPRTY
REN
RDXA[4:2]
RSOX
REOP
RVAL
RMOD[1:0]
RERR
TDXA[1]/TPXA
/RSX
n = port #
RLCLKn
TPOSn/
TDATn
TNEGn/
TOHMOn/
TLCLKn
RDATn
RPOSn/
RNEGn/
RLCVn/
ROHMIn
DS316x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com