Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3161 Datasheet HTML 17Page - Maxim Integrated Products DS3161 Datasheet HTML 18Page - Maxim Integrated Products DS3161 Datasheet HTML 19Page - Maxim Integrated Products DS3161 Datasheet HTML 20Page - Maxim Integrated Products DS3161 Datasheet HTML 21Page - Maxim Integrated Products DS3161 Datasheet HTML 22Page - Maxim Integrated Products DS3161 Datasheet HTML 23Page - Maxim Integrated Products DS3161 Datasheet HTML 24Page - Maxim Integrated Products DS3161 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
•
Two programmable I/O pins per port
3.21 Subrate Features (Fractional DS3/E3)
•
Independent per port built-in support for subrate DS3 or E3
•
Independent subrate operation for both RX and TX data paths
•
Subrate operation for each channel is totally independent from the other channels’ operation, i.e. all subrate
functions within the device are mutually exclusive
•
Three distinct subrate algorithms:
•
(FFRAC) Externally controlled with DS3 or E3 payload manipulating capability
•
(XFRAC) Externally controlled with flexible DS3 or E3 data rate reduction capability
•
(IFRAC) Internally controlled with simple DS3 or E3 data rate reduction capability
•
Subrate algorithm selection is on per port basis
•
Internal subrate mechanism allows down to bit-level granularity of the DS3 or E3 payload
3.22 Test Features
•
Five pin JTAG port
•
All functional pins are inout pins in JTAG mode
•
Standard JTAG instructions: Sample/Preload, Bypass, Extest, Clamp, HighZ, Idcode
•
RAM BIST on all internal RAM
•
Hi-Z pin to force all digital output and inout pins into HIZ
•
TEST pin for manufacturing scan test modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com