| Electronic Components Datasheet Search |
|
DS3161 Datasheet(PDF) 95 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS3161 Datasheet(HTML) 95 Page - Maxim Integrated Products |
|
95 / 384 page ![]() DS3161/DS3162/DS3163/DS3164 The clear on read mode is simpler since the bits that were read as being set will be cleared automatically. This method will work well in a software system where multiple tasks do not read the same latched status register. The latched status register bits in clear on read mode are carefully designed not to miss events that occur while a register is being read when the latched bit has not already been set. Refer to Figure 8-46 and Figure 8-47. 10.1.6 Global Write Method All of the ports can be written to simultaneously using the global write method. This method is enabled by setting the GL.CR1.GWM bit. When the global write method is enabled, a write to a register on any valid port will write to the same register on all valid ports. A valid port is a port that is available in a particular packaged part. For example, port four would not be valid in a DS3163 device. After reset, the global write method is not enabled. When the GWM bit is set, read data from the port registers is not valid and read data from the global and test registers is valid. The data value read back from a port register should be ignored. 10.1.7 Interrupt and Pin Modes The interrupt ( INT) pin is configurable to drive high or float when not active. The GL.CR1.INTM bit controls the pin configuration, when it is set the INT pin will drive high when not active. After reset, the INT pin will be in high- impedance mode until an interrupt source is active and enabled to drive the interrupt pin. 10.1.8 Interrupt Structure The interrupt structure is designed to efficiently guide the user to the source of an enabled interrupt source. The status bits in the global status (GL.SR) and global status latched register (GL.SRL) are read to determine if the interrupt source is a global event like the UTOPIA/POS-PHY interface, global performance monitor update or whether it came from one of the ports. If the interrupt event came from one of the ports then the port status register (PORT.SR) and port status register latched (PORT.SRL) can be read to determine if the interrupt source is a common port event like the performance monitor update or whether it came from one of the DS3/E3 Framers, PLCP Framer, ATM/PKT, BERT, HDLC, FEAC or Trail Trace status registers. If the interrupt came from one of the DS3/E3 Framers, PLCP Framer, ATM/PKT, BERT, HDLC, FEAC or Trail Trace status registers, then one of those registers will need to be read to determine the event that caused the interrupt. The source of an interrupt can be determined by reading three status registers: global, port and block status registers. When a mode is not enabled, then interrupts from that source will not occur. For example, if PLCP framing is not enabled then the potential interrupts from the latched status register in the PLCP block cannot occur. Similarly, if E3 framing mode is enabled, an interrupt source that is defined in DS3 framing, but not in E3 framing, cannot create a new interrupt. Note that when modes are changed, the latched status bits of the new mode, as well as any other mode, may get set. If the data path reset is set during or after the mode change, the latched status bits will be automatically cleared. If the data path reset is not used to clear the latched status bits, then the registers must be cleared by reading or writing to them based on the register clear method selected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |