Electronic Components Datasheet Search
  English  ▼

X  

DS3161 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS3161
Description  Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3161 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS3161 Datasheet HTML 18Page - Maxim Integrated Products DS3161 Datasheet HTML 19Page - Maxim Integrated Products DS3161 Datasheet HTML 20Page - Maxim Integrated Products DS3161 Datasheet HTML 21Page - Maxim Integrated Products DS3161 Datasheet HTML 22Page - Maxim Integrated Products DS3161 Datasheet HTML 23Page - Maxim Integrated Products DS3161 Datasheet HTML 24Page - Maxim Integrated Products DS3161 Datasheet HTML 25Page - Maxim Integrated Products DS3161 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 384 page
background image
DS3161/DS3162/DS3163/DS3164
4 STANDARDS COMPLIANCE
Table 4-1. Standards Compliance
SPECIFICATION
SPECIFICATION TITLE
ANSI
T1.102-1993
Digital Hierarchy – Electrical Interfaces
T1.107-1995
Digital Hierarchy – Formats Specification
T1.231-1997
Digital Hierarchy – Layer 1 In-Service Digital Transmission Performance Monitoring
T1.404-1994
Network-to-Customer Installation – DS3 Metallic Interface Specification
T1.646-1995
Broadband ISDN – Physical Layer Specification for User-Network Interfaces Including
DS1/ATM
ATM Forum
af-phy-0034.000
E3 Public UNI, August, 1995
af-phy-0039.000
UTOPIA Level 2, Version 1.0, June, 1995
af-phy-0043.000
A Cell-Based Transmission Convergence Sublayer for Clear-Channel Interfaces,
November, 1995
af-phy-0054.000
DS3 Physical Layer Interface Specification, January, 1996
af-phy-0136.000
UTOPIA L3 Physical Layer Interface, November, 1999
af-phy-0143.000
Frame-based ATM Interface (Level 3), March, 2000
af-bici-0013.003
BISDN Inter Carrier Interface (B-ICI) Specification Version 2.0 (Integrated), December, 1995
ETSI
ETS 300 686
Business TeleCommunications; 34Mbps and 140Mbits/s digital leased lines (D34U, D34S,
D140U and D140S); Network interface presentation, 1996
ETS 300 337
Transmission and Multiplexing (TM); Generic frame structures for the transport of various
signals (including Asynchronous Transfer Mode (ATM) cells and Synchronous Digital
Hierarchy (SDH) elements) at the ITU-T Recommendation G.702 hierarchical rates of 2 048
kbit/s, 34 368 kbit/s and 139 264 kbit/s, Second Edition, June, 1997
ETS EN 300 689
Access and Terminals (AT); 34Mbps Digital Leased Lines (D34U and D34S); Terminal
equipment interface, July 2001
ETS 300 689
Business TeleCommunications (BTC); 34 Mbps digital leased lines (D34U and D34S),
Terminal equipment interface, V 1.2.1, 2001-07
IETF
RFC 1661
The Point-to-Point Protocol (PPP), July, 1994
RFC 1662
PPP in HDLC-like Framing, July, 1994
RFC 2496
Definition of Managed Objects for the DS3/E3 Interface Type, January, 1999
ISO
ISO 3309:1993
Information Technology – Telecommunications & information exchange between systems –
High Level Data Link Control (HDLC) procedures – Frame structure, Fifth Edition, 1993
ITU-T
G.703
Physical/Electrical Characteristics of Hierarchical Digital Interfaces, 1991
G.704
Synchronous Frame Structures Used at 1544, 6312, 2048, 8488 and 44 736 kbit/s
Hierarchical Levels, July, 1995
G.751
Digital Multiplex Equipment Operating at the Third Order Bit Rate of 34,368 kbit/s and the
Fourth Order bit Rate of 139,264 kbit/s and Using Positive Justification, 1993
G.775
Loss Of Signal (LOS) and Alarm Indication Signal (AIS) Defect Detection and Clearance
Criteria, November, 1994
G.804
ATM Cell Mapping Into Plesiochronous Digital Hierarchy (PDH), November, 1993
G.823
The Control of Jitter and Wander Within Digital Networks Which are Based on the 2048
kbit/s Hierarchy, 1993
G.824
The Control of Jitter and Wander within Digital Networks that are Based on the 1544kbps
Hierarchy, 1993
G.832
Transport of SDH Elements on PDH Networks – Frame and Multiplexing Structures,
November, 1995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com