Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 195 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 195 Page - Intel Corporation

Back Button 6402 Datasheet HTML 191Page - Intel Corporation 6402 Datasheet HTML 192Page - Intel Corporation 6402 Datasheet HTML 193Page - Intel Corporation 6402 Datasheet HTML 194Page - Intel Corporation 6402 Datasheet HTML 195Page - Intel Corporation 6402 Datasheet HTML 196Page - Intel Corporation 6402 Datasheet HTML 197Page - Intel Corporation 6402 Datasheet HTML 198Page - Intel Corporation 6402 Datasheet HTML 199Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
195
Registers
Note:
In the later half part of data burst length 8 test, 144 bits or 288 bits user-defined data pattern will be repeat as the same
sequence of burst length 4.
14.5.2.3.1
MBDATA Failure Address Mapping
To compress the failure address into 32 bits, bits that are always zero are removed
from the logging. These removed bits include AutoPrecharge Column address [10] and
least significant bits assumed by burst length.
BL4: 1 bit chunk indicates the location of 2 failure burst data chunks.
The above Column plus Chunk is equal to DRAM column address as the following:
• where the auto-precharge address bit 10 is assumed zero
• since data is logged in 144 bits (two chunks), address bit zero is not needed
BL8: 2 bit chunk indicates the location of 4 failure burst data chunks.
The above Column plus Chunk is equal to DRAM column address as the following:
MBDATA2 31:0
50h
Late data [31:0]
Failure bit location
accumulator
Fail address 3
Or
Late data [31:0]
Failure bit location
accumulator
Fail address 3
Or
Late data [31:0]
Failure bit location
accumulator
Fail address 3
Or
Late data [31:0]
Failure bit location
accumulator
User defined Late
data [31:0] (1st
burst data)
MBDATA1 31:0
4Ch
Early data [63:32]
Failure bit location
accumulator
Fail address 2
Or
Early data [63:32]
Failure bit location
accumulator
Fail address 2
Or
Early data [63:32]
Failure bit location
accumulator
Fail address 2
Or
Early data [63:32]
Failure bit location
accumulator
User defined Early
data [63:32]
(1st burst data)
MBDATA0 31:0
48h
Early data [31:0]
Failure bit location
accumulator
Fail address 1
Or
Early data [31:0]
Failure bit location
accumulator
Fail address 1
Or
Early data [31:0]
Failure bit location
accumulator
Fail address 1
Or
Early data [31:0]
Failure bit location
accumulator
User defined Early
data [31:0]
(1st burst data)
Reg
Bit
Offset
Description by mode
(note: MBCSR.dtype, MBCSR.mbdata and MBCSR.enable288 select mode)
Fixed Data
Pattern
144 bit User
Defined Pattern
Circular Shift
LFSR
288 bit User
defined pattern
Table 14-11. MBDATA Failure Address Register Correspondence to DRAM Address
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
see description below
Bank
Row
Column and Chunk
Table 14-12. BL4 Column and Chunk Correspondence to DRAM Address
Register Bit Location
1
2
1
1
1
0
9
8
7
6
5
4
3
2
1
0
DRAM Col Address
1
4
1
3
1
2
1
1
9
8
7
6
5
4
3
2
Data Chunk
1X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com