Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 193 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 193 Page - Intel Corporation

Back Button 6402 Datasheet HTML 189Page - Intel Corporation 6402 Datasheet HTML 190Page - Intel Corporation 6402 Datasheet HTML 191Page - Intel Corporation 6402 Datasheet HTML 192Page - Intel Corporation 6402 Datasheet HTML 193Page - Intel Corporation 6402 Datasheet HTML 194Page - Intel Corporation 6402 Datasheet HTML 195Page - Intel Corporation 6402 Datasheet HTML 196Page - Intel Corporation 6402 Datasheet HTML 197Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
193
Registers
Algorithms:
When Embedded algorithm is applied, please program the following bits at the same
time.
1. Select MBCSR.cmd bit[5:4] for the initial command execution mode.
For all algorithm choices except for Data Retention Read, select "01: write only".
For Data Retention Read, select "10: read with data comparison".
2. Program MBCSR.fast bit[11:10] to select FastX, FastY, FastXY, or XZY.
3. Program proper start/end address registers and corresponding MTR value for DIMM
type. Do not leave start and end address register as default "00" or the same
value. Algorithm does not support single or full address modes.
14.5.2.2
MBADDR: Memory Test Address
The register is used by MemBIST only when testing to a single memory location.
(MBCSR.atype = 2b‘01)
11:10
RW
00
FAST: Address sequencing
00 => addressing with XZY toggling (column->bank->row)
01 => Fast Y with fixed bank
10 => Fast X with fixed bank
11 => Fast XY with fixed bank
9:8
RW
00
DTYPE: Data type selection:
00 => Fixed data pattern, selected by MBCSR bits 18:16
01 => 144 or 288 bits user defined data
10 => Circular shift data
11 => LFSR data, seeded from 32 bit LFSR seed register.
Note: Algorithm mode only supports DTYPE = Fixed
Note: Circular shift data and LFSR data type should not be used for single address
operation (ATYPE = 01).
7:6
RW
00
ATYPE: Address type
00 => Reserved
01 => Single physical address operation, contained in MBADDR row/column/
bank.
10 => start/end physical address range defined in MB_START_ADDR &
MB_END_ADDR registers.
• In FastX, FastY and FastXY modes, only the bank specified in
MB_START_ADDR will be exercised.
11 => full address range of the DIMM as defined in MTR register which specifies
the number of banks, rows, and columns.
• In FastX, FastY and FastXY modes, only the bank 0 will be exercised.
5:4
RW
00
CMD: Command execution:
00 => Read only without data comparison
01 => Write only
10 => Read with data comparison
11 => Write followed by Read with data comparison
3:0
RV
0
Reserved
Device:
NodeID
Function: 3
Offset:
40h
Bit
Attr
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com