Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 189 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 189 Page - Intel Corporation

Back Button 6402 Datasheet HTML 185Page - Intel Corporation 6402 Datasheet HTML 186Page - Intel Corporation 6402 Datasheet HTML 187Page - Intel Corporation 6402 Datasheet HTML 188Page - Intel Corporation 6402 Datasheet HTML 189Page - Intel Corporation 6402 Datasheet HTML 190Page - Intel Corporation 6402 Datasheet HTML 191Page - Intel Corporation 6402 Datasheet HTML 192Page - Intel Corporation 6402 Datasheet HTML 193Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
189
Registers
14.5.1.5
DRC: DRAM Controller Mode Register
This register controls the mode of the DRAM Controller.
15:12
RWST
0000
TRC: Trc DRAM activate to another activate delay
0000 => 26
0001 => 25
0010 => 24
0011 => 23
0100 => 22
0101 => 21
0110 => 20
0111 => 19
1000 => 18
1001 => 17
1010 => 16
1011 => 15
1100 => 14
1101 => 13
1110 => 12
1111 => 11
11:10
RWST
00
TRCD: Trcd DRAM RAS# to CAS# delay
00 => 6
01 => 5
10 => 4
11 => 3
If AL >= Trcd, Read/Write command will be issued right after ACT cycle.
9:8
RWST
00
TRP: Trp DRAM RAS# to Precharge delay
00 => 6
01 => 5
10 => 4
11 => 3
7:0
RWST
00h
NOPCNT: Programmable NOP insertion (Device Deselect actually).
Number of Nops will be inserted between read/write commands to slow down
Membist activities in the same page.
Up to 255 clocks NOPs can be programmed to insert delay between read/write
commands. If NOPs delay is programmable less than the required DRAM timing,
Overall NOP delay from command to command will not be seen.
Device:
NodeID
Function: 3
Offset:
78h
Bit
Attr
Default
Description
Device:
NodeID
Function: 3
Offset:
7Ch
Bit
Attr
Default
Description
31:30
RV
00
Reserved
29
RW
0
INITDONE: Initialization Complete. This scratch bit communicates software
state from the AMB to BIOS. BIOS sets this bit to 1 after initialization of the DRAM
memory array is complete. This bit has no effect on AMB operation.
28
RV
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com