Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 229 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 229 Page - Intel Corporation

Back Button 6402 Datasheet HTML 225Page - Intel Corporation 6402 Datasheet HTML 226Page - Intel Corporation 6402 Datasheet HTML 227Page - Intel Corporation 6402 Datasheet HTML 228Page - Intel Corporation 6402 Datasheet HTML 229Page - Intel Corporation 6402 Datasheet HTML 230Page - Intel Corporation 6402 Datasheet HTML 231Page - Intel Corporation 6402 Datasheet HTML 232Page - Intel Corporation 6402 Datasheet HTML 233Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
229
Registers
14.7.2.14 EVENT: Local LAI Event Register
This register sets a bit if a local event is hit. Except for QUALFLAG, most local event
signal internal to the AMB may assert for only one cycle. The event bits in this register
remain set once asserted so that the history of the event being set is not lost.
Note: The 5-bit select fields in the EVENTSEL0, EVENTSEL1, EVENTSEL2 and EVBUS
registers use the bit mapping of this register to identify which local event to select.
• For example, if EVENTSEL1.laitrigger0[4:0] = 26 decimal then trigger0 is
connected to the SB CRC error event.
• For example, if EVENTSEL1.laitrigger0[4:0] = 12 decimal then trigger0 is
connected to the inbound EVBus[0] event, and so forth.
29:25
RV
00h
Reserved
24:20
RWST
04h
LAITRIGGER10:
Local event selected and transmitted to LAI as TRIGGER10
Default on power on to SB Unit Testing State detect
19:15
RWST
1Ah
LAITRIGGER9:
Local event selected and transmitted to LAI as TRIGGER9
Default on power on to SB CRC error detect
14:10
RWST
0Dh
LAITRIGGER8:
Local event selected and transmitted to LAI as TRIGGER8
Default on power on to Event Bus[1] event
9:5
RWST
0Ch
LAITRIGGER7:
Local event selected and transmitted to LAI as TRIGGER7
Default on power on to Event Bus[0] event
4:0
RWST
09h
LAITRIGGER6:
Local event selected and transmitted to LAI as TRIGGER6
Default on power on to MM[0] event= Write Register in
command slot B
Device:
NodeID
Function: 5
Offset:
E8h
Bit
Attr
Default
Description
Device:
NodeID
Function: 5
Offset:
F0h
Bit
Attr
Default
Description
31
RWCST
0
Spare:
30:25
RWCST
00h
ERROR EVENTS:
• SB/NB failover[25],
when unmasked:
• SB CRC error[26],
• thermal overload[27],
• clock training violation (< 6 transitions in 512 UI) [28],
• unimplemented register access[29],
• other implementation specific errors[30]
set on event and cleared by writing
24
RWCST
0
QUALFLAG:
23:16
RWCST
00h
INBANDEV: SB link in-band EV[7:0]
set on event and cleared by writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com