Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 226 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 226 Page - Intel Corporation

Back Button 6402 Datasheet HTML 222Page - Intel Corporation 6402 Datasheet HTML 223Page - Intel Corporation 6402 Datasheet HTML 224Page - Intel Corporation 6402 Datasheet HTML 225Page - Intel Corporation 6402 Datasheet HTML 226Page - Intel Corporation 6402 Datasheet HTML 227Page - Intel Corporation 6402 Datasheet HTML 228Page - Intel Corporation 6402 Datasheet HTML 229Page - Intel Corporation 6402 Datasheet HTML 230Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 250 page
background image
Registers
226
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.7.2.8
SBMASKL1: Lower Southbound Mask Register 1
This register sets the lower 32 bits of data mask for match southbound command 1.
14.7.2.9
SBMASKL2: Lower Southbound Mask Register 2
This register sets the lower 32 bits of data mask for match southbound command 2.
14.7.2.10 MMEVENTSEL: Match/Mask Event Selection Register
Selects 1 of 13 local match events described below for promotion to local event select.
Three local events MMEVENT[2:0] can be associated with one of these local match
events.
.
Device:
NodeID
Function: 5
Offset:
D4h
Bit
Attr
Default
Description
31:0
RWST
00100000h
CMDMASK:
Lower 32bits [31:0] of southbound command mask.
0: Do not include this bit in match comparison
1: Include this bit in match comparison
power on default = match Activate
Device:
NodeID
Function: 5
Offset:
D8h
Bit
Attr
Default
Description
31:0
RWST
001FC000h
CMDMASK:
Lower 32bits [31:0] of southbound command mask.
0: Do not include this bit in match comparison
1: Include this bit in match comparison
power on default = match Write Config Reg
Device:
NodeID
Function: 5
Offset:
DCh
Bit
Attr
Default
Description
15:12
RV
0h
Reserved
11:8
RWST
2h
MMEVENT2SEL:
default: match pattern 0 to slot A only for sync
7:4
RWST
Ah
MMEVENT1SEL:
default: match pattern 1 to slot A, B, or C for activate
3:0
RWST
3h
MMEVENT0SEL:
default: match pattern 2 to slot B only for write config reg
MM
Event
Description
15:13
Reserved
12
FRAMEMATCH
Bit pattern in slot A matches SBMATCH/SBMASK 0 AND
Bit pattern in slot B matches SBMATCH/SBMASK 1 AND
Bit pattern in slot C matches SBMATCH/SBMASK 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com