Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 224 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 224 Page - Intel Corporation

Back Button 6402 Datasheet HTML 220Page - Intel Corporation 6402 Datasheet HTML 221Page - Intel Corporation 6402 Datasheet HTML 222Page - Intel Corporation 6402 Datasheet HTML 223Page - Intel Corporation 6402 Datasheet HTML 224Page - Intel Corporation 6402 Datasheet HTML 225Page - Intel Corporation 6402 Datasheet HTML 226Page - Intel Corporation 6402 Datasheet HTML 227Page - Intel Corporation 6402 Datasheet HTML 228Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 250 page
background image
Registers
224
Intel® 6400/6402 Advanced Memory Buffer Datasheet
Match and Mask bit numbering of SB frames is as follows:
• where N= 0 for slot A, 4 for slot B and 8 for slot C
14.7.2.3
SBMATCHL0: Lower Southbound Match Register 0
This register sets the lower 32 bits of data match for match southbound command 0.
14.7.2.4
SBMATCHL1: Lower Southbound Match Register 1
This register sets the lower 32 bits of data match for match southbound command 1.
15:8
RWST
00h
CMD1:
Upper 8 bits [39:32] of southbound command 1
7:0
RWST
00h
CMD0:
Upper 8 bits [39:32] of southbound command 0
Device:
NodeID
Function: 5
Offset:
BCh
Bit
Attr
Default
Description
Table 14-17. Bit Locations for SB Match and Mask
Xfr\lane
987
65432
10
0 + N
B36B32
B28B24
B20B16
B12B8
B4
B0
1 + N
B37B33
B29B25
B21B17
B13B9
B5
B1
2 + N
B38B34
B30B26
B22B18
B14B10
B6
B2
3 + N
B39B35
B31B27
B23B19
B15B11
B7
B3
Device:
NodeID
Function: 5
Offset:
C0h
Bit
Attr
Default
Description
31:0
RWST
00004000h
CMD:
Lower 32bits [31:0] of southbound command
power on default = match Synch
Device:
NodeID
Function: 5
Offset:
C4h
Bit
Attr
Default
Description
31:0
RWST
00100000h
CMD:
Lower 32bits [31:0] of southbound command
power on default = match Activate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com