Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 225 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 225 Page - Intel Corporation

Back Button 6402 Datasheet HTML 221Page - Intel Corporation 6402 Datasheet HTML 222Page - Intel Corporation 6402 Datasheet HTML 223Page - Intel Corporation 6402 Datasheet HTML 224Page - Intel Corporation 6402 Datasheet HTML 225Page - Intel Corporation 6402 Datasheet HTML 226Page - Intel Corporation 6402 Datasheet HTML 227Page - Intel Corporation 6402 Datasheet HTML 228Page - Intel Corporation 6402 Datasheet HTML 229Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
225
Registers
14.7.2.5
SBMATCHL2: Lower Southbound Match Register 2
This register sets the lower 32 bits of data match for match southbound command 2.
14.7.2.6
SBMASKU: Upper Southbound Mask Register
This register sets the upper 8 bits of data mask for three southbound commands.
14.7.2.7
SBMASKL0: Lower Southbound Mask Register 0
This register sets the lower 32 bits of data mask for match southbound command 0.
Device:
NodeID
Function: 5
Offset:
C8h
Bit
Attr
Default
Description
31:0
RWST
00014000h
CMD:
Lower 32bits [31:0] of southbound command
power on default = match Write Config Reg
Device:
NodeID
Function: 5
Offset:
CCh
Bit
Attr
Default
Description
31:24
RV
00h
Reserved
23:16
RWST
00h
CMDMASK2:
Upper 8 bits [39:32] of southbound command 2 mask
0: Do not include this bit in match comparison
1: Include this bit in match comparison
15:8
RWST
00h
CMDMASK1:
Upper 8 bits [39:32] of southbound command 1 mask
0: Do not include this bit in match comparison
1: Include this bit in match comparison
7:0
RWST
00h
CMDMASK0:
Upper 8 bits [39:32] of southbound command 0 mask
0: Do not include this bit in match comparison
1: Include this bit in match comparison
Device:
NodeID
Function: 5
Offset:
D0h
Bit
Attr
Default
Description
31:0
RWST
031FC000h
CMDMASK:
Lower 32bits [31:0] of southbound command mask.
0: Do not include this bit in match comparison
1: Include this bit in match comparison
power on default = match Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com