Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 66 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 66 Page - Intel Corporation

Back Button 383 Datasheet HTML 60Page - Intel Corporation 383 Datasheet HTML 61Page - Intel Corporation 383 Datasheet HTML 62Page - Intel Corporation 383 Datasheet HTML 63Page - Intel Corporation 383 Datasheet HTML 64Page - Intel Corporation 383 Datasheet HTML 65Page - Intel Corporation 383 Datasheet HTML 66Page - Intel Corporation 383 Datasheet HTML 67Page - Intel Corporation 383 Datasheet HTML 68Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
Thermal Specifications and Design Considerations
66
Datasheet
Offset between the thermal diode based temperature reading and the Intel Thermal
Monitor reading may be characterized using the Intel Thermal Monitor’s Automatic
mode activation of thermal control circuit. This temperature offset must be taken into
account when using the processor thermal diode to implement power management
events.
5.1.2
Thermal Diode Offset
A temperature offset value (specified as Toffset in Table 19) will be programmed into a
Celeron M processor Model Specific Register (MSR). This offset is determined by using a
thermal diode ideality factor mean value of n = 1.0022 (shown in Table 19) as a
reference. This offset must be applied to the junction temperature read by the thermal
diode. Any temperature adjustments due to differences between the reference ideality
value of 1.0022 and the default ideality values programmed into the on-board thermal
sensors, will have to be made before the above offset is applied.
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
Intel does not support or recommend operation of the thermal diode when the processor
power supplies are not within their specified tolerance range.
2.
Characterized at 100°C.
3.
Not 100% tested. Specified by design/characterization.
4.
The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by
the diode equation:
IFW=Is *(e(qVD/nkT) -1)
Where IS = saturation current, q = electronic charge, VD = voltage across the diode, k =
Boltzmann Constant, and T = absolute temperature (Kelvin).
Value shown in the table is not the Celeron M processor thermal diode ideality factor. It is a
reference value used to calculate the Celeron M thermal diode temperature offset.
5.
The series resistance, RT, is provided to allow for a more accurate measurement of the
diode junction temperature. RT as defined includes the pins of the processor but does not
include any socket resistance or board trace resistance between the socket and the
external remote diode thermal sensor. RT can be used by remote diode thermal sensors
with automatic series resistance cancellation to calibrate out this error term. Another
application is that a temperature offset can be manually calculated and programmed into
an offset register in the remote diode thermal sensors as exemplified by the equation:
Terror = [RT*(N-1)*IFWmin]/[(no/q)*ln N]
6.
Offset value is programmed in processor Model Specific Register.
Table 18.
Thermal Diode Interface
Signal Name
Pin/Ball Number
Signal Description
THERMDA
B18
Thermal diode anode
THERMDC
A18
Thermal diode cathode
Table 19.
Thermal Diode Specification
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
300
µA
Note 1
Toffset
Thermal Diode Temperature
Offset
-4
11
°C
2, 6
n
Reference Diode Ideality Factor
Used to Calculate Temperature
Offset
1.0022
Notes 2,
3, 4
RT
Series Resistance
3.06
Ω
2, 3, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com