Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 48 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 48 Page - Intel Corporation

Back Button 383 Datasheet HTML 44Page - Intel Corporation 383 Datasheet HTML 45Page - Intel Corporation 383 Datasheet HTML 46Page - Intel Corporation 383 Datasheet HTML 47Page - Intel Corporation 383 Datasheet HTML 48Page - Intel Corporation 383 Datasheet HTML 49Page - Intel Corporation 383 Datasheet HTML 50Page - Intel Corporation 383 Datasheet HTML 51Page - Intel Corporation 383 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
Package Mechanical Specifications and Pin Information
48
Datasheet
AB26
VSS
Power/Other
AC1
RSVD
Reserved
AC2
VSS
Power/Other
AC3
A[20]#
Source Synch
Input/
Output
AC4
A[18]#
Source Synch
Input/
Output
AC5
VSS
Power/Other
AC6
A[25]#
Source Synch
Input/
Output
AC7
A[19]#
Source Synch
Input/
Output
AC8
VSS
Power/Other
AC9
VCC
Power/Other
AC10
VSS
Power/Other
AC11
VCC
Power/Other
AC12
VSS
Power/Other
AC13
VCC
Power/Other
AC14
VSS
Power/Other
AC15
VCC
Power/Other
AC16
VSS
Power/Other
AC17
VCC
Power/Other
AC18
VSS
Power/Other
AC19
VCC
Power/Other
AC20
D[51]#
Source Synch
Input/
Output
AC21
VSS
Power/Other
AC22
D[52]#
Source Synch
Input/
Output
AC23
D[49]#
Source Synch
Input/
Output
AC24
VSS
Power/Other
AC25
D[53]#
Source Synch
Input/
Output
AC26
VCCA[3]
Power/Other
AD1
VSS
Power/Other
AD2
A[23]#
Source Synch
Input/
Output
AD3
A[21]#
Source Synch
Input/
Output
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction
AD4
VSS
Power/Other
AD5
A[26]#
Source Synch
Input/
Output
AD6
A[28]#
Source Synch
Input/
Output
AD7
VSS
Power/Other
AD8
VCC
Power/Other
AD9
VSS
Power/Other
AD10
VCC
Power/Other
AD11
VSS
Power/Other
AD12
VCC
Power/Other
AD13
VSS
Power/Other
AD14
VCC
Power/Other
AD15
VSS
Power/Other
AD16
VCC
Power/Other
AD17
VSS
Power/Other
AD18
VCC
Power/Other
AD19
VSS
Power/Other
AD20
DINV[3]#
Source Synch
Input/
Output
AD21
D[60]#
Source Synch
Input/
Output
AD22
VSS
Power/Other
AD23
D[54]#
Source Synch
Input/
Output
AD24
D[57]#
Source Synch
Input/
Output
AD25
VSS
Power/Other
AD26
GTLREF
Power/Other
AE1
A[30]#
Source Synch
Input/
Output
AE2
A[27]#
Source Synch
Input/
Output
AE3
VSS
Power/Other
AE4
A[22]#
Source Synch
Input/
Output
AE5
ADSTB[1]#
Source Synch
Input/
Output
AE6
VSS
Power/Other
AE7
VCCSENSE
Power/Other
Output
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com