Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 46 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 46 Page - Intel Corporation

Back Button 383 Datasheet HTML 42Page - Intel Corporation 383 Datasheet HTML 43Page - Intel Corporation 383 Datasheet HTML 44Page - Intel Corporation 383 Datasheet HTML 45Page - Intel Corporation 383 Datasheet HTML 46Page - Intel Corporation 383 Datasheet HTML 47Page - Intel Corporation 383 Datasheet HTML 48Page - Intel Corporation 383 Datasheet HTML 49Page - Intel Corporation 383 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
Package Mechanical Specifications and Pin Information
46
Datasheet
VSS
AA22
Power/Other
VSS
AA25
Power/Other
VSS
AB3
Power/Other
VSS
AB5
Power/Other
VSS
AB7
Power/Other
VSS
AB9
Power/Other
VSS
AB11
Power/Other
VSS
AB13
Power/Other
VSS
AB15
Power/Other
VSS
AB17
Power/Other
VSS
AB19
Power/Other
VSS
AB21
Power/Other
VSS
AB23
Power/Other
VSS
AB26
Power/Other
VSS
AC2
Power/Other
VSS
AC5
Power/Other
VSS
AC8
Power/Other
VSS
AC10
Power/Other
VSS
AC12
Power/Other
VSS
AC14
Power/Other
VSS
AC16
Power/Other
VSS
AC18
Power/Other
VSS
AC21
Power/Other
VSS
AC24
Power/Other
VSS
AD1
Power/Other
VSS
AD4
Power/Other
VSS
AD7
Power/Other
VSS
AD9
Power/Other
VSS
AD11
Power/Other
VSS
AD13
Power/Other
VSS
AD15
Power/Other
VSS
AD17
Power/Other
VSS
AD19
Power/Other
VSS
AD22
Power/Other
VSS
AD25
Power/Other
VSS
AE3
Power/Other
VSS
AE6
Power/Other
Table 14.
Pin Listing by Pin Name
Pin Name
Pin #
Signal
Buffer Type
Direction
VSS
AE8
Power/Other
VSS
AE10
Power/Other
VSS
AE12
Power/Other
VSS
AE14
Power/Other
VSS
AE16
Power/Other
VSS
AE18
Power/Other
VSS
AE20
Power/Other
VSS
AE23
Power/Other
VSS
AE26
Power/Other
VSS
AF2
Power/Other
VSS
AF5
Power/Other
VSS
AF9
Power/Other
VSS
AF11
Power/Other
VSS
AF13
Power/Other
VSS
AF15
Power/Other
VSS
AF17
Power/Other
VSS
AF19
Power/Other
VSS
AF21
Power/Other
VSS
AF24
Power/Other
VSSSENSE
AF6
Power/Other
Output
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction
A2
VSS
Power/Other
A3
IGNNE#
CMOS
Input
A4
IERR#
Open Drain
Output
A5
VSS
Power/Other
A6
SLP#
CMOS
Input
A7
DBR#
CMOS
Output
A8
VSS
Power/Other
A9
BPM[2]#
Common
Clock
Output
A10
PRDY#
Common
Clock
Output
A11
VSS
Power/Other
A12
TDO
Open Drain
Output
A13
TCK
CMOS
Input
Table 14.
Pin Listing by Pin Name
Pin Name
Pin #
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com