Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 63 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 63 Page - Intel Corporation

Back Button 383 Datasheet HTML 59Page - Intel Corporation 383 Datasheet HTML 60Page - Intel Corporation 383 Datasheet HTML 61Page - Intel Corporation 383 Datasheet HTML 62Page - Intel Corporation 383 Datasheet HTML 63Page - Intel Corporation 383 Datasheet HTML 64Page - Intel Corporation 383 Datasheet HTML 65Page - Intel Corporation 383 Datasheet HTML 66Page - Intel Corporation 383 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Datasheet
63
Thermal Specifications and Design Considerations
5
Thermal Specifications and
Design Considerations
The Celeron M processor requires a thermal solution to maintain temperatures within
operating limits as set forth in Table 17. Any attempt to operate that processor outside
these operating limits may result in permanent damage to the processor and
potentially other components in the system. As processor technology changes, thermal
management becomes increasingly crucial when building computer systems.
Maintaining the proper thermal environment is key to reliable, long-term system
operation. A complete thermal solution includes both component and system level
thermal management features. Component level thermal solutions include active or
passive heatsinks or heat exchangers attached to the processor exposed die. The
solution should make firm contact to the die while maintaining processor mechanical
specifications such as pressure. A typical system level thermal solution may consist of a
processor fan ducted to a heat exchanger that is thermally coupled to the processor via
a heat pipe or direct die attachment. A secondary fan, or air from the processor fan,
may also be used to cool other platform components or lower the internal ambient
temperature within the system.
To allow for the optimal operation and long-term reliability of Intel processor-based
systems, the system/processor thermal solution should be designed such that the
processor must remain within the minimum and maximum junction temperature (Tj)
specifications at the corresponding thermal design power (TDP) value listed in Table 17.
Thermal solutions not design to provide this level of thermal capability may affect the
long-term reliability of the processor and system.
The maximum junction temperature is defined by an activation of the processor Intel®
Thermal Monitor. Refer to Section 5.1.3 for more details. Analysis indicates that real
applications are unlikely to cause the processor to consume the theoretical maximum
power dissipation for sustained time periods. Intel recommends that complete thermal
solution designs target the TDP indicated in Table 17. The Intel Thermal Monitor feature
is designed to help protect the processor in the unlikely event that an application
exceeds the TDP recommendation for a sustained period of time. For more details on
the usage of this feature, refer to Section 5.1.3. In all cases, the Intel Thermal Monitor
feature must be enabled for the processor to remain within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com