Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 44 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 383 Datasheet HTML 40Page - Intel Corporation 383 Datasheet HTML 41Page - Intel Corporation 383 Datasheet HTML 42Page - Intel Corporation 383 Datasheet HTML 43Page - Intel Corporation 383 Datasheet HTML 44Page - Intel Corporation 383 Datasheet HTML 45Page - Intel Corporation 383 Datasheet HTML 46Page - Intel Corporation 383 Datasheet HTML 47Page - Intel Corporation 383 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Package Mechanical Specifications and Pin Information
44
Datasheet
VCCP
T6
Power/Other
VCCP
T22
Power/Other
VCCP
U21
Power/Other
VCCQ[0]
P23
Power/Other
VCCQ[1]
W4
Power/Other
VCCSENSE
AE7
Power/Other
Output
VID[0]
E2
CMOS
Output
VID[1]
F2
CMOS
Output
VID[2]
F3
CMOS
Output
VID[3]
G3
CMOS
Output
VID[4]
G4
CMOS
Output
VID[5]
H4
CMOS
Output
VSS
A2
Power/Other
VSS
A5
Power/Other
VSS
A8
Power/Other
VSS
A11
Power/Other
VSS
A14
Power/Other
VSS
A17
Power/Other
VSS
A20
Power/Other
VSS
A23
Power/Other
VSS
A26
Power/Other
VSS
B3
Power/Other
VSS
B6
Power/Other
VSS
B9
Power/Other
VSS
B12
Power/Other
VSS
B16
Power/Other
VSS
B19
Power/Other
VSS
B22
Power/Other
VSS
B25
Power/Other
VSS
C1
Power/Other
VSS
C4
Power/Other
VSS
C7
Power/Other
VSS
C10
Power/Other
VSS
C13
Power/Other
VSS
C15
Power/Other
VSS
C18
Power/Other
VSS
C21
Power/Other
Table 14.
Pin Listing by Pin Name
Pin Name
Pin #
Signal
Buffer Type
Direction
VSS
C24
Power/Other
VSS
D2
Power/Other
VSS
D5
Power/Other
VSS
D7
Power/Other
VSS
D9
Power/Other
VSS
D11
Power/Other
VSS
D13
Power/Other
VSS
D15
Power/Other
VSS
D17
Power/Other
VSS
D19
Power/Other
VSS
D21
Power/Other
VSS
D23
Power/Other
VSS
D26
Power/Other
VSS
E3
Power/Other
VSS
E6
Power/Other
VSS
E8
Power/Other
VSS
E10
Power/Other
VSS
E12
Power/Other
VSS
E14
Power/Other
VSS
E16
Power/Other
VSS
E18
Power/Other
VSS
E20
Power/Other
VSS
E22
Power/Other
VSS
E25
Power/Other
VSS
F1
Power/Other
VSS
F4
Power/Other
VSS
F5
Power/Other
VSS
F7
Power/Other
VSS
F9
Power/Other
VSS
F11
Power/Other
VSS
F13
Power/Other
VSS
F15
Power/Other
VSS
F17
Power/Other
VSS
F19
Power/Other
VSS
F21
Power/Other
VSS
F24
Power/Other
VSS
G2
Power/Other
Table 14.
Pin Listing by Pin Name
Pin Name
Pin #
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com