Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 50 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 50 Page - Intel Corporation

Back Button 383 Datasheet HTML 46Page - Intel Corporation 383 Datasheet HTML 47Page - Intel Corporation 383 Datasheet HTML 48Page - Intel Corporation 383 Datasheet HTML 49Page - Intel Corporation 383 Datasheet HTML 50Page - Intel Corporation 383 Datasheet HTML 51Page - Intel Corporation 383 Datasheet HTML 52Page - Intel Corporation 383 Datasheet HTML 53Page - Intel Corporation 383 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
Package Mechanical Specifications and Pin Information
50
Datasheet
B20
D[7]#
Source Synch
Input/
Output
B21
D[3]#
Source Synch
Input/
Output
B22
VSS
Power/Other
B23
D[13]#
Source Synch
Input/
Output
B24
D[9]#
Source Synch
Input/
Output
B25
VSS
Power/Other
B26
D[5]#
Source Synch
Input/
Output
C1
VSS
Power/Other
C2
A20M#
CMOS
Input
C3
RSVD
Reserved
C4
VSS
Power/Other
C5
TEST1
Test
C6
STPCLK#
CMOS
Input
C7
VSS
Power/Other
C8
BPM[0]#
Common
Clock
Output
C9
BPM[3]#
Common
Clock
Input/
Output
C10
VSS
Power/Other
C11
TMS
CMOS
Input
C12
TDI
CMOS
Input
C13
VSS
Power/Other
C14
BSEL[1]
CMOS
Output
C15
VSS
Power/Other
C16
BSEL[0]
CMOS
Output
C17
THERMTRIP#
Open Drain
Output
C18
VSS
Power/Other
C19
DPWR#
Common
Clock
Input
C20
D[8]#
Source Synch
Input/
Output
C21
VSS
Power/Other
C22
DSTBP[0]#
Source Synch
Input/
Output
C23
DSTBN[0]#
Source Synch
Input/
Output
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction
C24
VSS
Power/Other
C25
D[15]#
Source Synch
Input/
Output
C26
D[12]#
Source Synch
Input/
Output
D1
LINT0
CMOS
Input
D2
VSS
Power/Other
D3
FERR#
Open Drain
Output
D4
LINT1
CMOS
Input
D5
VSS
Power/Other
D6
VCC
Power/Other
D7
VSS
Power/Other
D8
VCC
Power/Other
D9
VSS
Power/Other
D10
VCCP
Power/Other
D11
VSS
Power/Other
D12
VCCP
Power/Other
D13
VSS
Power/Other
D14
VCCP
Power/Other
D15
VSS
Power/Other
D16
VCCP
Power/Other
D17
VSS
Power/Other
D18
VCC
Power/Other
D19
VSS
Power/Other
D20
VCC
Power/Other
D21
VSS
Power/Other
D22
VCC
Power/Other
D23
VSS
Power/Other
D24
D[10]#
Source Synch
Input/
Output
D25
DINV[0]#
Source Synch
Input/
Output
D26
VSS
Power/Other
E1
PSI#
CMOS
Output
E2
VID[0]
CMOS
Output
E3
VSS
Power/Other
E4
PWRGOOD
CMOS
Input
E5
VCC
Power/Other
Table 15.
Pin Listing by Pin Number
Pin #
Pin Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com