Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 36 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 36 Page - Intel Corporation

Back Button 383 Datasheet HTML 32Page - Intel Corporation 383 Datasheet HTML 33Page - Intel Corporation 383 Datasheet HTML 34Page - Intel Corporation 383 Datasheet HTML 35Page - Intel Corporation 383 Datasheet HTML 36Page - Intel Corporation 383 Datasheet HTML 37Page - Intel Corporation 383 Datasheet HTML 38Page - Intel Corporation 383 Datasheet HTML 39Page - Intel Corporation 383 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
Package Mechanical Specifications and Pin Information
36
Datasheet
NOTE: All dimensions in millimeters. Values shown for reference only. Refer to Table 13 for
details.
Figure 12.
Micro-FCBGA Package Bottom View
1
2
3
4
6
8
10
12
14
16
18
20
22
24
26
5
7
9
11 13
15
17
19
21
23
25
A
B
C
E
D
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
25X 1.27
(e)
25X 1.27
(e)
1.625 (S)
4 places
1.625 (S)
4 places



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com