Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 20 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 383 Datasheet HTML 16Page - Intel Corporation 383 Datasheet HTML 17Page - Intel Corporation 383 Datasheet HTML 18Page - Intel Corporation 383 Datasheet HTML 19Page - Intel Corporation 383 Datasheet HTML 20Page - Intel Corporation 383 Datasheet HTML 21Page - Intel Corporation 383 Datasheet HTML 22Page - Intel Corporation 383 Datasheet HTML 23Page - Intel Corporation 383 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
Electrical Specifications
20
Datasheet
Table 4.
Voltage and Current Specifications (Sheet 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCC1
Intel® Celeron® M Processor 360, 350 Core
VCC
1.260
V
1,2,9
VCC2
Celeron M Processor 390, 380, 370, 360J, 350J
Core VCC
1.004
1.292
V
2,9,11
VCC3
Celeron M Processor Ultra Low Voltage 383,
373 Core VCC
0.876
0.956
V
2,9,11,
12
VCCULV
Celeron M Processor Ultra Low Voltage 353
Core VCC
0.940
V
1,2,9
VCC,BOOT
Default VCC Voltage for Initial Power-up
1.14
1.20
1.26
V
2
VCCP
AGTL+ Termination Voltage
0.997
1.05
1.102
V
2
VCCA
PLL Supply Voltages
1.71
1.425
1.8
1.5
1.89
1.575
V2,10
ICCDES
ICC for Celeron M processor Recommended
Design Target
25
A
5
ICC
ICC for Celeron M processor 390, 380, 370,
360J, 350J & VCC2
21.0
A
3,9,11
ICC for Celeron M processor 360, 350 &1.260 V
21.0
A
3,9
ICCULV
ICC for Celeron M processor Ultra Low Voltage
383, 373 & VCC3
7.0
A
3,9,11,
12
ICC for Celeron M processor Ultra Low Voltage
353 & 0.940 V
7.0
A
3,9
IAH,
ISGNT
ICC Auto-Halt & Stop-Grant for Celeron M
Processor 390, 380, 370, 360J, 350J & VCC2
16.4
A
4,9,11
ICC Auto-Halt & Stop-Grant for Celeron M
Processor 360, 350 & 1.260 V
16.4
A
4,9
IAHULV,
ISGNTULV
ICC Auto-Halt & Stop-Grant for Celeron M
processor Ultra Low Voltage 383, 373 & VCC3
3.4
A
4,9,11,
12
ICC Auto-Halt & Stop-Grant for Celeron M
processor Ultra Low Voltage 353 & 0.940 V
3.4
A
4,9
ISLP
ICC Sleep for Celeron M processor 390, 380,
370, 360J, 350J & VCC2
16.1
A
4,9,11
ICC Sleep for Celeron M processor 360, 350 &
1.260 V
16.1
A
4,9
ISLPULV
ICC Sleep for Celeron M processor Ultra Low
Voltage 383, 373 & VCC3
3.3
A
4,9,11,
12
ICC Sleep for Celeron M processor Ultra Low
Voltage 353 & 0.940 V
3.3
A
4,9
IDSLP
ICC Deep Sleep for Celeron M processor 390,
380, 370, 360J, 350J & VCC2
15.5
A
4,9,11
ICC Deep Sleep for Celeron M processor 360,
350 & 1.260 V
15.5
A
4,9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com