Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 62 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 62 Page - Intel Corporation

Back Button 383 Datasheet HTML 58Page - Intel Corporation 383 Datasheet HTML 59Page - Intel Corporation 383 Datasheet HTML 60Page - Intel Corporation 383 Datasheet HTML 61Page - Intel Corporation 383 Datasheet HTML 62Page - Intel Corporation 383 Datasheet HTML 63Page - Intel Corporation 383 Datasheet HTML 64Page - Intel Corporation 383 Datasheet HTML 65Page - Intel Corporation 383 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
Package Mechanical Specifications and Pin Information
62
Datasheet
§
VCCSENSE
Output
VCCSENSE is an isolated low impedance connection to processor core
power (VCC). It can be used to sense or measure power near the
silicon with little noise.
VID[5:0]
Output
VID[5:0] (Voltage ID) pins are used to support automatic selection
of power supply voltages (VCC). Unlike some previous generations of
processors, these are CMOS signals that are driven by the Celeron M
processor. The voltage supply for these pins must be valid before the
VR can supply VCC to the processor. Conversely, the VR output must
be disabled until the voltage supply for the VID pins becomes valid.
The VID pins are needed to support the processor voltage
specification variations. See Table 1 for definitions of these pins. The
VR must supply the voltage that is requested by the pins, or disable
itself.
VSSSENSE
Output
VSSSENSE is an isolated low impedance connection to processor core
VSS. It can be used to sense or measure ground near the silicon with
little noise.
Table 16.
Signal Description (Sheet 8 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com