Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 32 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 383 Datasheet HTML 28Page - Intel Corporation 383 Datasheet HTML 29Page - Intel Corporation 383 Datasheet HTML 30Page - Intel Corporation 383 Datasheet HTML 31Page - Intel Corporation 383 Datasheet HTML 32Page - Intel Corporation 383 Datasheet HTML 33Page - Intel Corporation 383 Datasheet HTML 34Page - Intel Corporation 383 Datasheet HTML 35Page - Intel Corporation 383 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
Package Mechanical Specifications and Pin Information
32
Datasheet
NOTES:
1.
Overall height with socket is based on design dimensions of the Micro-FCPGA package with
no thermal solution attached. Values are based on design specifications and tolerances.
This dimension is subject to change based on socket design, OEM motherboard design or
OEM SMT process.
Table 12.
Micro-FCPGA Package Dimensions
Symbol
Parameter
Min
Max
Unit
A
Overall height, top of the die to package seating plane
1.88
2.02
mm
–
Overall height, top of die to PCB surface, including
socket (Refer to Note 1)
4.74
5.16
mm
A1
Pin length
1.95
2.11
mm
A2
Die height
0.820
mm
A3
Pin-side capacitor height
–
1.25
mm
B
Pin diameter
0.28
0.36
mm
D
Package substrate length
34.9
35.1
mm
E
Package substrate width
34.9
35.1
mm
D1
Die length
12.54
mm
E1
Die width
6.99
mm
ePin pitch
1.27
mm
K
Package edge keep-out
5
mm
K1
Package corner keep-out
7
mm
K3
Pin-side capacitor boundary
14
mm
N
Pin count
478
each
Pdie
Allowable pressure on the die for thermal solution
-
689
kPa
WPackage weight
4.5
g
Package surface flatness
0.286
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com