Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 18 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 383 Datasheet HTML 14Page - Intel Corporation 383 Datasheet HTML 15Page - Intel Corporation 383 Datasheet HTML 16Page - Intel Corporation 383 Datasheet HTML 17Page - Intel Corporation 383 Datasheet HTML 18Page - Intel Corporation 383 Datasheet HTML 19Page - Intel Corporation 383 Datasheet HTML 20Page - Intel Corporation 383 Datasheet HTML 21Page - Intel Corporation 383 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Electrical Specifications
18
Datasheet
NOTES:
1.
BPM[2:0}# and PRDY# are AGTL+ output only signals.
2.
In processor systems where there is no debug port implemented on the system board, these signals are
used to support a debug port interposer. In systems with the debug port implemented on the system
board, these signals are no connects.
Table 2.
FSB Pin Groups
Signal Group
Type
Signals
AGTL+ Common Clock Input
Synchronous to
BCLK[1:0]
BPRI#, DEFER#, DPWR#, PREQ#, RESET#,
RS[2:0]#, TRDY#
AGTL+ Common Clock I/O
Synchronous to
BCLK[1:0]
ADS#, BNR#, BPM[3:0]#, BR0#, DBSY#, DRDY#,
HIT#, HITM#, LOCK#, PRDY#
AGTL+ Source Synchronous I/O
Synchronous to
assoc. strobe
AGTL+ Strobes
Synchronous to
BCLK[1:0]
ADSTB[1:0]#, DSTBP[3:0]#, DSTBN[3:0]#
CMOS Input
Asynchronous
A20M#, DPSLP#, IGNNE#, INIT#, LINT0/INTR,
LINT1/NMI, PWRGOOD, SMI#, SLP#, STPCLK#
Open Drain Output
Asynchronous
FERR#, IERR#, PROCHOT#, THERMTRIP#
CMOS Output
Asynchronous
PSI#, VID[5:0], BSEL[1:0]
CMOS Input
Synchronous to TCK
TCK, TDI, TMS, TRST#
Open Drain Output
Synchronous to TCK
TDO
FSB Clock
Clock
BCLK[1:0], ITP_CLK[1:0]2
Power/Other
COMP[3:0], DBR#2, GTLREF, RSVD, TEST2, TEST1,
THERMDA, THERMDC, VCC, VCCA[3:0], VCCP,
VCCQ[1:0], VCC_SENSE, VSS, VSS_SENSE
Signals
Associated Strobe
REQ[4:0]#,
A[16:3]#
ADSTB[0]#
A[31:17]#
ADSTB[1]#
D[15:0]#, DINV0#
DSTBP0#, DSTBN0#
D[31:16]#, DINV1# DSTBP1#, DSTBN1#
D[47:32]#, DINV2# DSTBP2#, DSTBN2#
D[63:48]#, DINV3# DSTBP3#, DSTBN3#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com