Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 8 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 383 Datasheet HTML 4Page - Intel Corporation 383 Datasheet HTML 5Page - Intel Corporation 383 Datasheet HTML 6Page - Intel Corporation 383 Datasheet HTML 7Page - Intel Corporation 383 Datasheet HTML 8Page - Intel Corporation 383 Datasheet HTML 9Page - Intel Corporation 383 Datasheet HTML 10Page - Intel Corporation 383 Datasheet HTML 11Page - Intel Corporation 383 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Introduction
8
Datasheet
transfer rate, as in AGP 4X). Along with the 4X data bus, the address bus can deliver
addresses two times per bus clock and is referred to as a “double-clocked” or 2X
address bus. Working together, the 4X data bus and 2X address bus provide a data bus
bandwidth of up to 3.2 GB/second. The FSB uses Advanced Gunning Transceiver Logic
(AGTL+) signalling technology, a variant of (GTL+) signaling technology with low power
enhancements.
The Celeron M processor utilizes socketable Micro Flip-Chip Pin Grid Array (Micro-
FCPGA) and surface mount Micro Flip-Chip Ball Grid Array (Micro-FCBGA) package
technology. The Micro-FCPGA package plugs into a 479-hole, surface-mount, zero
insertion force (ZIF) socket, which is referred to as the mPGA479M socket.
1.1
Terminology
1.2
References
Material and concepts available in the following documents may be beneficial when
reading this document.
Term
Definition
#
A “#” symbol after a signal name refers to an active low signal, indicating a
signal is in the active state when driven to a low level. For example, when
RESET# is low, a reset has been requested. Conversely, when NMI is high,
a nonmaskable interrupt has occurred. In the case of signals where the
name does not imply an active state but describes part of a binary
sequence (such as address or data), the “#” symbol implies that the signal
is inverted. For example, D[3:0] = “HLHL” refers to a hex ‘A’, and D[3:0]#
= “LHLH” also refers to a hex “A” (H= High logic level, L= Low logic level).
XXXX means that the specification or value is yet to be determined.
Front Side Bus
(FSB)
Refers to the interface between the processor and system core logic (also
known as the chipset components).
Document
Document Location1
Intel® Celeron® M Processor Specification Update
http://www.intel.com/
design/mobile/specupdt/
300303.htm
Mobile Intel® 915PM/GM/GMS and 910GML Express Chipset
Datasheet
http://www.intel.com/
design/mobile/datashts/
305264.htm
Mobile Intel® 915PM/GM/GMS and 910GML Express Chipset
Specification Update
http://www.intel.com/
design/mobile/specupdt/
307167.htm
Intel® I/O Controller Hub 6 (ICH6) Family Datasheet
http://www.intel.com/
design/chipsets/datashts/
301473.htm
Intel® I/O Controller Hub 6 (ICH6) Family Specification Update
http://www.intel.com/
design/chipsets/specupdt/
301474.htm
Intel® 855PM Chipset Memory Controller Hub (MCH) Datasheet
http://www.intel.com/
design/chipsets/datashts/
252613.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com