Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 24 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 383 Datasheet HTML 20Page - Intel Corporation 383 Datasheet HTML 21Page - Intel Corporation 383 Datasheet HTML 22Page - Intel Corporation 383 Datasheet HTML 23Page - Intel Corporation 383 Datasheet HTML 24Page - Intel Corporation 383 Datasheet HTML 25Page - Intel Corporation 383 Datasheet HTML 26Page - Intel Corporation 383 Datasheet HTML 27Page - Intel Corporation 383 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Electrical Specifications
24
Datasheet
Figure 3.
Illustration of Active State VCC Static and Ripple Tolerances
for the Celeron M Processor ULV: VID=0.940 V
V ID = 0.940: Active
0.940
0.890
0.900
0.910
0.920
0.930
0.940
0.950
0.960
0.970
01
234
56
IC C, A
STATIC
Static Min
Static Max
Ripple Min
Ripple Max
Table 7.
Voltage Tolerances for the Celeron M Processor ULV (Deep Sleep State)
Mode
VID = 0.940 V, Offset=0%
ICC, A
VCC, V
Static
Ripple
Min
Max
Min
Max
0
0.929
0.915
0.943
0.905
0.953
0.2
0.928
0.914
0.942
0.904
0.952
0.4
0.928
0.913
0.942
0.903
0.952
0.6
0.927
0.913
0.941
0.903
0.951
0.8
0.926
0.912
0.940
0.902
0.950
1.0
0.926
0.912
0.940
0.902
0.950
1.2
0.925
0.911
0.939
0.901
0.949
1.4
0.925
0.910
0.939
0.900
0.949
1.6
0.924
0.910
0.938
0.900
0.948
1.8
0.923
0.909
0.937
0.899
0.947
2.0
0.923
0.909
0.937
0.899
0.947
2.2
0.922
0.908
0.936
0.898
0.946
2.4
0.922
0.907
0.936
0.897
0.946
2.6
0.921
0.907
0.935
0.897
0.945
2.8
0.920
0.906
0.934
0.896
0.944
3.0
0.920
0.906
0.934
0.896
0.944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com