Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 15 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 383 Datasheet HTML 11Page - Intel Corporation 383 Datasheet HTML 12Page - Intel Corporation 383 Datasheet HTML 13Page - Intel Corporation 383 Datasheet HTML 14Page - Intel Corporation 383 Datasheet HTML 15Page - Intel Corporation 383 Datasheet HTML 16Page - Intel Corporation 383 Datasheet HTML 17Page - Intel Corporation 383 Datasheet HTML 18Page - Intel Corporation 383 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
Datasheet
15
Electrical Specifications
3
Electrical Specifications
3.1
Power and Ground Pins
For clean, on-chip power distribution, the Celeron M processor has a large number of
V
CC (power) and VSS (ground) inputs. All power pins must be connected to VCC power
planes while all VSS pins must be connected to system ground planes. Use of multiple
power and ground planes is recommended to reduce I*R drop. Please refer to the
platform design guides for more details. The processor VCC pins must be supplied the
voltage determined by the VID (Voltage ID) pins.
3.1.1
FSB Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the
processor. As in previous generation processors, the Celeron M processor core
frequency is a multiple of the BCLK[1:0] frequency. The Celeron M processor uses a
differential clocking implementation.
3.2
Voltage Identification and Power Sequencing
The Celeron M processor uses six voltage identification pins, VID[5:0], to support
automatic selection of power supply voltages. The VID pins for Celeron M processor are
CMOS outputs driven by the processor VID circuitry. Table 1 specifies the voltage level
corresponding to the state of VID[5:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com