Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 3 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 3 Page - Intel Corporation

  383 Datasheet HTML 1Page - Intel Corporation 383 Datasheet HTML 2Page - Intel Corporation 383 Datasheet HTML 3Page - Intel Corporation 383 Datasheet HTML 4Page - Intel Corporation 383 Datasheet HTML 5Page - Intel Corporation 383 Datasheet HTML 6Page - Intel Corporation 383 Datasheet HTML 7Page - Intel Corporation 383 Datasheet HTML 8Page - Intel Corporation 383 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
Datasheet
3
Contents
1Introduction ..............................................................................................................7
1.1
Terminology .......................................................................................................8
1.2
References .........................................................................................................8
2
Low Power Features ................................................................................................ 11
2.1
Clock Control and Low Power States .................................................................... 11
2.1.1
Normal State ......................................................................................... 11
2.1.2
AutoHALT Power-Down State ................................................................... 11
2.1.3
Stop-Grant State.................................................................................... 11
2.1.4
HALT/Grant Snoop State ......................................................................... 12
2.1.5
Sleep State ........................................................................................... 12
2.1.6
Deep Sleep State ................................................................................... 13
2.2
FSB Low Power Enhancements ............................................................................ 13
2.3
Processor Power Status Indicator (PSI#) Signal..................................................... 14
3
Electrical Specifications ........................................................................................... 15
3.1
Power and Ground Pins ...................................................................................... 15
3.1.1
FSB Clock (BCLK[1:0]) and Processor Clocking........................................... 15
3.2
Voltage Identification and Power Sequencing ........................................................ 15
3.3
Catastrophic Thermal Protection .......................................................................... 17
3.4
Signal Terminations and Unused Pins ................................................................... 17
3.5
FSB Frequency Select Signals (BSEL[1:0])............................................................ 17
3.6
FSB Signal Groups............................................................................................. 17
3.7
CMOS Signals ................................................................................................... 19
3.8
Maximum Ratings.............................................................................................. 19
3.9
Processor DC Specifications ................................................................................ 19
4
Package Mechanical Specifications and Pin Information .......................................... 29
4.1
Processor Pinout and Pin List .............................................................................. 37
4.2
Alphabetical Signals Reference ............................................................................ 55
5
Thermal Specifications and Design Considerations .................................................. 63
5.1
Thermal Specifications ....................................................................................... 65
5.1.1
Thermal Diode ....................................................................................... 65
5.1.2
Thermal Diode Offset .............................................................................. 66
5.1.3
Intel® Thermal Monitor........................................................................... 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com