Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 28 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 383 Datasheet HTML 24Page - Intel Corporation 383 Datasheet HTML 25Page - Intel Corporation 383 Datasheet HTML 26Page - Intel Corporation 383 Datasheet HTML 27Page - Intel Corporation 383 Datasheet HTML 28Page - Intel Corporation 383 Datasheet HTML 29Page - Intel Corporation 383 Datasheet HTML 30Page - Intel Corporation 383 Datasheet HTML 31Page - Intel Corporation 383 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Electrical Specifications
28
Datasheet
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Measured at 0.2 V.
3.
VOH is determined by value of the external pull-up resistor to VCCP.
4.
For Vin between 0 V and VOH.
5.
Cpad includes die capacitance only. No package parasitics are included.
§
Table 11.
Open Drain Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VOH
Output High Voltage
VCCP
V3
VOL
Output Low Voltage
0
0.20
V
IOL
Output Low Current
16
50
mA
2
I
LO
Output Leakage Current
±200
µA
4
Cpad
Pad Capacitance
1.7
2.3
3.0
pF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com