Electronic Components Datasheet Search
  English  ▼

X  

383 Datasheet(PDF) 59 Page - Intel Corporation

Part # 383
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

383 Datasheet(HTML) 59 Page - Intel Corporation

Back Button 383 Datasheet HTML 55Page - Intel Corporation 383 Datasheet HTML 56Page - Intel Corporation 383 Datasheet HTML 57Page - Intel Corporation 383 Datasheet HTML 58Page - Intel Corporation 383 Datasheet HTML 59Page - Intel Corporation 383 Datasheet HTML 60Page - Intel Corporation 383 Datasheet HTML 61Page - Intel Corporation 383 Datasheet HTML 62Page - Intel Corporation 383 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
Datasheet
59
Package Mechanical Specifications and Pin Information
INIT#
Input
INIT# (Initialization), when asserted, resets integer registers inside
the processor without affecting its internal caches or floating-point
registers. The processor then begins execution at the power-on
Reset vector configured during power-on configuration. The
processor continues to handle snoop requests during INIT#
assertion. INIT# is an asynchronous signal. However, to ensure
recognition of this signal following an Input/Output Write instruction,
it must be valid along with the TRDY# assertion of the corresponding
Input/Output Write bus transaction. INIT# must connect the
appropriate pins of both FSB agents.
If INIT# is sampled active on the active to inactive transition of
RESET#, then the processor executes its Built-in Self-Test (BIST).
ITP_CLK[1:0]
Input
ITP_CLK[1:0] are copies of BCLK that are used only in processor
systems where no debug port is implemented on the system board.
ITP_CLK[1:0] are used as BCLK[1:0] references for a debug port
implemented on an interposer. If a debug port is implemented in the
system, ITP_CLK[1:0] are no connects in the system. These are not
processor signals.
LINT[1:0]
Input
LINT[1:0] (Local APIC Interrupt) must connect the appropriate pins
of all APIC Bus agents. When the APIC is disabled, the LINT0 signal
becomes INTR, a maskable interrupt request signal, and LINT1
becomes NMI, a nonmaskable interrupt. INTR and NMI are backward
compatible with the signals of those names on the Celeron processor.
Both signals are asynchronous.
Both of these signals must be software configured via BIOS
programming of the APIC register space to be used either as NMI/
INTR or LINT[1:0]. Because the APIC is enabled by default after
reset, operation of these pins as LINT[1:0] is the default
configuration.
LOCK#
Input/
Output
LOCK# indicates to the system that a transaction must occur
atomically. This signal must connect the appropriate pins of both FSB
agents. For a locked sequence of transactions, LOCK# is asserted
from the beginning of the first transaction to the end of the last
transaction.
When the priority agent asserts BPRI# to arbitrate for ownership of
the FSB, it will wait until it observes LOCK# deasserted. This enables
symmetric agents to retain ownership of the FSB throughout the bus
locked operation and ensure the atomicity of lock.
PRDY#
Output
Probe Ready signal used by debug tools to determine processor
debug readiness.
PREQ#
Input
Probe Request signal used by debug tools to request debug operation
of the processor.
PROCHOT#
Output
PROCHOT# (Processor Hot) will go active when the processor
temperature monitoring sensor detects that the processor has
reached its maximum safe operating temperature. This indicates that
the processor Thermal Control Circuit has been activated, if enabled.
See Chapter 5 for more details.
PSI#
Output
Processor Power Status Indicator (PSI) signal. This signal is asserted
when the processor is in a lower state (Deep Sleep). See
Section 2.1.4 for more details.
Table 16.
Signal Description (Sheet 5 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com