Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
129
5
Ordering information
1 The 176-pin package is available only for chips with 1 MB flash memory.
2 208 MAPBGA available only as development package for Nexus2+, and will not be qualified for production
Figure 54. Commercial product code structure
Qualification status
Power Architecture core
Automotive platform
Core Version
Flash Size (core dependent)
Product
Fab, mask version, mask set indicator
MPC
56
S
F0A
V
LU
Example production code:
06
Temperature options
Package option
Qualification status
M = General market qualified
P = Engineering samples
S = Automotive qualified
Automotive platform
56 = Power Architecture in 90nm
Core version
0 = e200z0
Flash memory size (z0 core)
2 = 256 KB
4 = 512 KB
6 = 1 MB
Product version
S = Cluster
Fab, mask version, mask set
indicator (only used for SPC part
numbers)
F = ATMC fab
0 = Maskset version (0, 1, etc.)
A = Maskset indicator:
Blank: First production maskset
A: Second production maskset
B: Third production maskset
...
Shipping method
R
Temperature spec.
C = –40 to 85 °C
V = –40 to 105 °C
Package option
LQ = 144 LQFP
LU = 176 LQFP1
MG = 208 MAPBGA2
Speed
6 = 64 MHz
Shipping method
Blank = Tray
R = Tape and reel
Speed
6
Example custom-build code:
SC 123456
V
LU
R
6
Custom device prefix
6-digit number
Fields as for production chips (see above)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com