Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 136Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 132 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
132
5
1 Sep 2010 Editorial changes and improvements.
Replaced “validation” with “characterization” throughout.
Added an entry for Rev. 3 to this table.
In the block diagram, in the SXOSC block, changed “32 kHz” to “32 KHz”.
Revised the feature section and added the “Feature details” subsection.
Renamed the analog pins (were AN..., are ANS...) throughout.
Changed several pin names that contained _A, _B, _C, ... to contain _0, _1, _2, ...
throughout.
Changed the PCS and oscillator pin names throughout.
Revised the feature section and added the “Feature details” subsection.
Deleted the out-of-date “Block summary” section.
In the 144-pin pinout:
• For pin 122, changed PCS_B1 to PCS1_1.
• For pin 123, changed PCS_B0 to PCS0_1.
In the “144 LQFP package pinout” section, added pinouts for the chips with 512 KB and
256 KB flash memory.
In the 176-pin pinout:
• For pin 152, changed PCS_B1 to PCS1_1.
• For pin 153, changed PCS_B0 to PCS0_1.
Revised the “Pad configuration during reset phases”, “Voltage supply pins”, “Pad types”,
“System pins”, and “Nexus pins” sections.
Changed several module names and abbreviations to be consistent with the official
module names and abbreviations.
In the “Voltage supply pin descriptions” table, revised the entry for VDD12.
In the “Debug pin descriptions” table, changed pad type M to pad type M1.
In the “Pad types” section, changed “registers in the device reference manual” to
“registers in the SIUL chapter of the device reference manual”.
Changed the name of the port-pin summary section (was “Functional ports A, B, C, D,
E, F, G, H, I, J, K”, is “Port pin summary”).
In the “Signal details” section:
• Renamed the analog pins (were AN..., are ANS...).
• Added “ANS[0:15] connect to ATD channels [32:47]” to the ANS signal description.
• Added “The available 8 multiplexed channels connect to ATD channels [64:71]” to the
MA signal description.
• Deleted “when high; otherwise low to allow a subframe display for pixels” from the
DCU_DE description.
• Changed the description for DCU_TAG, PDI_PCLK, TXD_A, and SSD signals.
• Added QuadSPI signals.
• Deleted “For valid Pixel Data this is high, otherwise low” from the PDI_DE
description.
• Changed several pin names that contained _A, _B, _C, ... to contain _0, _1, _2, ...
In the “Port pin summary” table:
• Changed the pad type for PC[0]—PC[9] (was S, is J).
• Moved the AN[0]—AN[15] entries from the “Function” column to the “Special
function” column.
• Moved the OSC32K_EXTAL and OSC32K_XTAL entries from the “Function” column
to the “Special function” column.
• Added alternate function names and clarifying footnotes to the PF[11]—PF[14]
entries.
• Added new information on pad types (including splitting up the existing M pads into
two categories, M1 and M2).
• Added a footnote to the “Special function” column title.
Table 66. Document revision history
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com