Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 136Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
134
5
(continued)
1 Sep 2010
(continued)
Added the “SMC pad delays” table.
Added the “SSD specifications” section.
In the “I/O consumption” table, added a specification for IDDMxAVG.
Revised the “Fast external crystal oscillator (4–16 MHz) electrical characteristics” table.
In the “Slow external crystal oscillator (32 kHz) electrical characteristics” figure,
changed VOSC32K_XTAL to VSXOSC_XTAL.
In footnote 2 of the “FMPLL electrical characteristics” table, changed “fCPU 64 MHz can
be achieved only at up to 105 °C” to “fCPU 64 MHz can be achieved only at
temperatures up to 105 °C with a maximum FM depth of 2%”.
In the first “Crystal oscillator and resonator connection scheme” figure:
• Swapped “XTAL” and “EXTAL”.
• Deleted RP.
In the second “Crystal oscillator and resonator connection scheme” figure, deleted RF.
Added the “Crystal description” table.
In the “Fast internal RC oscillator (16 MHz) electrical characteristics” table:
• Changed the conditions for
FIRCVAR (was “TA = -25 °C”, is “TA = -40to105°C,
trimmed”), removed the associated footnote, and changed the associated guarantee
method (was P, is C).
• Changed the max specification for IFIRCPWD (was 10 A, is 1 A).
Added the “Resonator description” table.
In the “Fast external crystal oscillator (4 to 16 MHz) electrical characteristics” table,
changed footnote 1 (was “... to 125
C”, is “... to 105 C”).
In the “Slow external crystal oscillator” section, changed “32 kHz” to “32 KHz”.
In the “Slow external crystal oscillator (32 KHz) electrical characteristics” table, added
a footnote to the start-up timing specification.
In the “Slow internal RC oscillator (128 KHz) electrical characteristics” table:
• Changed the condition for
SIRCVAR (was —, is “Trimmed”) and the associated
guarantee method (was P, is C).
• Changed the guarantee method for fSIRC (was P, is C).
Revised the “Program and erase specifications” table.
In the “Flash memory read access timing” table, changed footnote 1 (was “... to 125
C”,
is “... to 105
C”).
Revised the “Flash module life” table.
Added flash read access timing characteristics.
In the “ADC conversion characteristics” table:
• Deleted the entry for TUEp (precision channels are not implemented on this device).
• Changed the specification for INL (was min = -1.5 LSB and max = 1.5 LSB, is
min = max = 2.5 LSB).
• Revised the entry for IINJ (was ±10 mA, is ±5 mA).
• Changed the max specifications for RSW1 (was 3 k, is 1 k) and for RSW2 (was 2
k
, is 1 k).
Added the “LCD driver electrical characteristics” section.
Revised the table titles in the “Pad AC specifications” section.
Added the “QuadSPI timing” section.
Revised the “JTAG interface timing” table.
Revised the “Nexus debug port timing” table.
Renamed the “Interface to TFT LCD panels—access level” section (is “Interface to TFT
LCD panels”) and revised the table (title and contents) within it.
In the “DSPI timing” table, added a min specification for tCSC (is 20 ns).
In the DSPI section, added a note (referring to the “DSPI timing” table) to each timing
diagram.
Revised the “Ordering information” section.
Table 66. Document revision history
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com