Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 136Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
135
6
14 Jan 2011 Editorial changes and improvements.
Swapped XTAL and EXTAL pins for the 208-pin BGA package and throughout.
In the “Pinout and signal descriptions” section, changed WARNING labels to CAUTION
labels.
Updated the “Absolute maximum ratings” and “Recommended operating conditions”
tables.
Added footnote reference to Vss12 in “Recommended operating conditions (3.3 V)”
table.
Updated the “Connecting power supply pins“ section.
Removed footnote regarding characterization in the “Thermal characteristics” table.
Updated the VDD12/VDDPLL operating voltages in the “Electromagnetic interference“
table.
Added typical values and updated the “Voltage regulator electrical characteristics”,
“Low-power voltage regulator electrical characteristics”, and “Ultra-low-power
voltage regulator electrical characteristics“ tables.
Updated classifications and values in the “Low voltage monitor electrical
characteristics“ table.
Made major modifications and updates to the "DC electrical characteristics" table.
Made major modifications and updates to the "I/O input DC electrical characteristics"
table.
Made major modifications and updates to the "I/O pull-up/pull-down DC electrical
characteristics" table.
Changed “SMC” pads to “SMD” pads throughout.
Made updates to the “SMD pad electrical characteristics“ table.
Added run current during RESET to the “Reset electrical characteristics” table.
Updated the FMPLL jitter (peak to peak) specification in the “FMPLL electrical
characteristics” table.
Updated fFIRC and tFIRCSU in the “Fast internal RC oscillator (16 MHz) electrical
characteristics“ table.
Updated fSIRC and tSIRCSU in the “Slow internal RC oscillator (128 KHz) electrical
characteristics“ table.
Removed “symmetric” pad type from the “Pad AC specifications (5.0 V, PAD3V5V = 0)“
table.
Removed “symmetric” pad type from the “Pad AC specifications (3.3 V, PAD3V5V = 1)“
table.
Updated VDD12 post-trimming minimum value in the “Low-power voltage regulator
electrical characteristics“ table.
Updated VDD12 post-trimming minimum value in the “Ultra-low-power voltage regulator
electrical characteristics“ table.
Updated VLVDLVCORH maximum value in the “Low voltage monitor electrical
characteristics“ table.
Updated VLVDLVCORL minimum value in the “Low voltage monitor electrical
characteristics“ table.
Updated value of VDD12/VDDPLL operating voltages in the “Input DC electrical
characteristics” table.
Corrected erroneous value of ILKG (105°C case) in the “Input DC electrical
characteristics” table.
Table 66. Document revision history
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com