Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 136Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 133 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
133
5
(continued)
1 Sep 2010
(continued)
Added a footnote to the “Pad type description” table.
In the “Pad type description” table:
• Revised the entry for SMD.
• Revised the description for the J and M2 pad types.
Revised the entry for VSSPLL in the “Absolute maximum ratings” and “Recommended
operating conditions” table.
Changed the max value for VDDPLL (was 1.32 V, is 1.4 V) in several tables.
Added the “Connecting power supply pins: What to do and what not to do” section.
In the “Recommended operating conditions” table, changed the note to state “Maximum
slew...” instead of “Minimum slew...”.
In footnote 2 of the “Recommended operating conditions” table, changed “200 µF
capacitance must be connected between VDDR and VSS12” to “10 µF capacitance
must be connected between VDDR and VSS12.”.
In the “Recommended operating conditions” section, added a caution on which
voltages must be the same.
In the “Recommended operating conditions (3.3 V)” table:
• Revised the footnote affecting VDD12/VSS12 supply capacitances.
• Deleted footnote 9.
• Deleted the entries for VDDPLL and VDD12.
In the “Recommended operating conditions (5.0 V)” table:
• Changed the footnote text “200 µF capacitance must be connected between VDDR
and VSS12” to “10 µF capacitance must be connected between VDDR and VSS12” and
revised the footnote affecting VDD12/VSS12 supply capacitances.
• Added a specification for TVDD.
• Deleted the entries for VDDPLL and VDD12.
Revised the “EMC requirements on board” section.
Added meaningful values to the “EMI testing specifications” table.
In the “ESD absolute maximum ratings” table, added a specification for VESD(MM).
Deleted the empty “DC Electrical Characteristics” section.
In the “I/O pad types” section, added an entry for SMD pads.
Added SMC pad electrical characteristics.
Revised the “Voltage regulator electrical characteristics” section.
Revised the “Low-power voltage regulator electrical characteristics” table.
Revised the “Ultra-low power voltage regulator electrical characteristics” table.
Revised the “Low voltage monitor electrical characteristics” table.
Added the “Recommended power-up and power-down order” section.
Added the “Power-up inrush current profile” section.
Added the “HPREG load regulation characteristics” section.
Revised the “DC electrical characteristics” table.
Replaced all values for “STANDBY mode current”.
Revised the “I/O pad types” section.
In the “I/O input DC electrical characteristics” table:
• Changed the specifications for ILKG (was min = <1
A, is min = –1 A; was
max = —, is max = 1
A).
• Added an entry for RON.
Revised the “I/O output DC characteristics” section.
Revised the “MEDIUM configuration output buffer electrical characteristics” table.
Revised the “SMD pad electrical characteristics” table and changed its name (is “SMC
pad...”).
In the “SMC pad electrical characteristics” table, changed RDSOH to RDSONH and RDSOL
to RDSONL.
Moved the IMAX specification from the “SMC pad electrical characteristics” table to the
“Absolute maximum ratings” table.
Table 66. Document revision history
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com