Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
130
6
Revision history
Table 66. Document revision history
Revision
Date
Substantive changes
1
10-2008
Initial release.
2
18 Aug 2009 Editorial changes and improvements.
Harmonized oscillator naming throughout document
Section 1.5, “MPC5606S features: Updated description of ADC channels
Table 2: Changed max number of GPIOs from 132 to 133 for LQFP176
Table 3: Corrected “Peripheral interrupt timer (PIT)” to “Periodic interrupt timer (PIT)”
Figure 2:
– Added GPIOs to pin function names
– Changed function of pin 32: was NC—is VREG_BYPASS
– Pin 55: Changed XTAL32 to OSC32K_XTAL
– Pin 56: Changed EXTAL32 to OSC32K_EXTAL
Figure 5:
– Added GPIOs to pin function names
– Changed function of pin 32: was NC—is VREG_BYPASS
– Pin 71: Changed XTAL32 to OSC32K_XTAL
– Pin 72: Changed EXTAL32 to OSC32K_EXTAL
Table 6:
– Removed pins EXTAL32, XTAL32 and NMI
– Updated VRC_CTL I/O direction and pad type
Table 7:
- Replaced “A” with “I” in pad type column
- Modified table footnote 3 to replace pad type “A” definition with pad type “I” definition
Table 8: Moved MA[0:2] to follow AN[0:15]
Added Section 3.2, “Parameter classification and added classification tags to electrical
characteristics tables where appropriate
Added Section 3.3, “NVUSRO register
Table 14: Removed ESDHBM
Table 17: Merged 144- and 176-pin LQFP characteristics into single table
Added Section 3.6, “Electromagnetic compatibility (EMC) characteristics
Table 26: Removed “TA = 25 °C, after trimming” from conditions for VPORH, VLVDH3V and
VLVDH5V
Table 27:
– Changed TA = 40 to 125 °C to TA = 40 to 105 °C in note 1
– Added STANDBY1 and STANDBY2 mode current characteristics
Figure 12: Updated to reference GPDI register and values for bit PDI
Section 3.8.1, “I/O pad types: Corrected “four main I/O pad types” to read “three main
I/O pad types”
Section 3.8.3, “I/O output DC characteristics: Replaced ipp_hve with PAD3V5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com