Electronic Components Datasheet Search
  English  ▼

X  

MPC5606S Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
131
2
(continued)
18 Aug 2009
(continued)
Table 37:
– IRMSMED: Replaced SLOW with MEDIUM in parameter column
– IRMSFST: Replaced SLOW with FAST in parameter column
Section 3.8.4, “I/O pad current specification: Replaced ipp_hve with PAD3V5V
Section 3.10, “RESET electrical characteristics: Replaced ipp_hve with PAD3V5V
Updated Figure 13
Updated Figure 16
Updated Figure 18
Section 3.19, “Pad AC specifications: Replaced IPP_HVE with PAD3V5V
Table 45: Added rows IFIRCSTOP and tFIRCSU
Table 46:
– Added rows tSIRCSU and SIRCTRIM
– Updated conditions for
SIRCVAR
Added Table 42 “ADC input leakage current”
Table 50: Updated TUEp and TUEx
Table 7: Modified PC[0] to PC[9]:
– I/O direction: was I, is I/O
– pad type: was I, is S
Table 50: Updated values for ‘Input current injection’
Section 3.20.3, “Interface to TFT LCD panels: Modified description of event No. 1 in
sequence for active matrix interface timing
Table 57: Removed value for Display pixel clock period
Table 53: Removed duplicated row for part number MPC5604SEMLQ
Section 2.4.2, “Voltage Supply Pins”: Added preferred power up sequence.
Section 2.9, “Port pin summary”: Changed reset configuration on ADC pins.
Section 3, “Electrical characteristics: Made updates to data. All data is still considered
preliminary.
Section 3.7.1, “Voltage regulator electrical characteristics”: Added lower power voltage
regulator and ultra-low power voltage regulator characteristics.
3
—
Not released; no substantive changes between Rev. 2 and Rev. 3.
4
—
Not released; no substantive changes between Rev. 3 and Rev. 4.
Table 66. Document revision history
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com