Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 174 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 170Page - Texas Instruments AM1802 Datasheet HTML 171Page - Texas Instruments AM1802 Datasheet HTML 172Page - Texas Instruments AM1802 Datasheet HTML 173Page - Texas Instruments AM1802 Datasheet HTML 174Page - Texas Instruments AM1802 Datasheet HTML 175Page - Texas Instruments AM1802 Datasheet HTML 176Page - Texas Instruments AM1802 Datasheet HTML 177Page - Texas Instruments AM1802 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 180 page
background image
( )
AM1802
( )
ZWT
( )
3
PREFIX
X = Experimental Device
DEVICE
SILICON REVISION
3 = 300 MHz
PACKAGE TYPE
DEVICE SPEED RANGE
TEMPERATURE RANGE (JUNCTION)
B = Silicon Revision 2.0 or 2.1
D = -40°C to 90°C (Industrial Grade)
361-Pin Plastic BGA, with Pb-free
Soldered Balls [Green]; 0.65-mm Ball Pitch
ZCE =
(B)
(A)
P = Prototype Device
Blank = Production Device
361-Pin Plastic BGA, with Pb-free
Soldered Balls [Green]; 0.80-mm Ball Pitch
ZWT =
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
A.
BGA = Ball Grid Array
B.
Parts marked revision B are silicon revision 2.1 if '21' is marked on the package and silicon revision 2.0 if there is no
'21' marking.
Figure 6-1. Device Nomenclature
6.2
Documentation Support
The following documents describe the device. Copies of these documents are available on the Internet at
www.ti.com. Tip: Enter the literature number in the search box provided at www.ti.com.
Reference Guides
SPRUGX5
AM1802 ARM Microprocessor System Reference Guide. Describes the AM1802 ARM
microprocessor (MPU) system.
SPRUFU0
AM17x/AM18x ARM Microprocessor Peripherals Overview Reference Guide. Provides
an overview and briefly describes the peripherals available on the AM17x/AM18x ARM
Microprocessors.
6.3
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and
help solve problems with fellow engineers.
TI Embedded Processors Wiki Texas Instruments Embedded Processors Wiki. Established to help
developers get started with Embedded Processors from Texas Instruments and to foster
innovation and growth of general knowledge about the hardware and software surrounding
these devices.
174
Device and Documentation Support
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com