Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 176 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 176 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 172Page - Texas Instruments AM1802 Datasheet HTML 173Page - Texas Instruments AM1802 Datasheet HTML 174Page - Texas Instruments AM1802 Datasheet HTML 175Page - Texas Instruments AM1802 Datasheet HTML 176Page - Texas Instruments AM1802 Datasheet HTML 177Page - Texas Instruments AM1802 Datasheet HTML 178Page - Texas Instruments AM1802 Datasheet HTML 179Page - Texas Instruments AM1802 Datasheet HTML 180Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 176 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
7.2
Thermal Data for ZWT Package
The following table shows the thermal resistance characteristics for the PBGA-ZWT mechanical package.
Table 7-2. Thermal Resistance Characteristics (PBGA Package) [ZWT]
NO.
°C/W(1)
AIR FLOW (m/s)(2)
1
R
ΘJC
Junction-to-case
7.3
N/A
2
R
ΘJB
Junction-to-board
12.4
N /A
3
R
ΘJA
Junction-to-free air
23.7
0.00
4
21.0
0.50
5
20.1
1.00
R
ΘJMA
Junction-to-moving air
6
19.3
2.00
7
18.4
4.00
8
0.2
0.00
9
0.3
0.50
10
PsiJT
Junction-to-package top
0.3
1.00
11
0.4
2.00
12
0.5
4.00
13
12.3
0.00
14
12.2
0.50
15
PsiJB
Junction-to-board
12.1
1.00
16
12.0
2.00
17
11.9
4.00
(1)
These measurements were conducted in a JEDEC defined 2S2P system and will change based on environment as well as application.
For more information, see these EIA/JEDEC standards - EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment
Conditions - Natural Convection (Still Air) and JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount
Packages. Power dissipation of 1W and ambient temp of 70C assumed. PCB with 2oz (70um) top and bottom copper thickness and
1.5oz (50um) inner copper thickness
(2)
m/s = meters per second
7.3
Packaging Information
The following packaging information and addendum reflect the most current data available for the
designated device(s). This data is subject to change without notice and without revision of this document.
176
Mechanical Packaging and Orderable Information
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com