Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 103Page - Texas Instruments AM1802 Datasheet HTML 104Page - Texas Instruments AM1802 Datasheet HTML 105Page - Texas Instruments AM1802 Datasheet HTML 106Page - Texas Instruments AM1802 Datasheet HTML 107Page - Texas Instruments AM1802 Datasheet HTML 108Page - Texas Instruments AM1802 Datasheet HTML 109Page - Texas Instruments AM1802 Datasheet HTML 110Page - Texas Instruments AM1802 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 180 page
background image
AM1802
www.ti.com
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
Table 5-42. McASP Registers Accessed Through Peripheral Configuration Port (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01D0 0200
XBUF0(1)
Transmit buffer register for serializer 0
0x01D0 0204
XBUF1(1)
Transmit buffer register for serializer 1
0x01D0 0208
XBUF2(1)
Transmit buffer register for serializer 2
0x01D0 020C
XBUF3(1)
Transmit buffer register for serializer 3
0x01D0 0210
XBUF4(1)
Transmit buffer register for serializer 4
0x01D0 0214
XBUF5(1)
Transmit buffer register for serializer 5
0x01D0 0218
XBUF6(1)
Transmit buffer register for serializer 6
0x01D0 021C
XBUF7(1)
Transmit buffer register for serializer 7
0x01D0 0220
XBUF8(1)
Transmit buffer register for serializer 8
0x01D0 0224
XBUF9(1)
Transmit buffer register for serializer 9
0x01D0 0228
XBUF10(1)
Transmit buffer register for serializer 10
0x01D0 022C
XBUF11(1)
Transmit buffer register for serializer 11
0x01D0 0230
XBUF12(1)
Transmit buffer register for serializer 12
0x01D0 0234
XBUF13(1)
Transmit buffer register for serializer 13
0x01D0 0238
XBUF14(1)
Transmit buffer register for serializer 14
0x01D0 023C
XBUF15(1)
Transmit buffer register for serializer 15
0x01D0 0280
RBUF0(2)
Receive buffer register for serializer 0
0x01D0 0284
RBUF1(2)
Receive buffer register for serializer 1
0x01D0 0288
RBUF2(2)
Receive buffer register for serializer 2
0x01D0 028C
RBUF3(2)
Receive buffer register for serializer 3
0x01D0 0290
RBUF4(2)
Receive buffer register for serializer 4
0x01D0 0294
RBUF5(2)
Receive buffer register for serializer 5
0x01D0 0298
RBUF6(2)
Receive buffer register for serializer 6
0x01D0 029C
RBUF7(2)
Receive buffer register for serializer 7
0x01D0 02A0
RBUF8(2)
Receive buffer register for serializer 8
0x01D0 02A4
RBUF9(2)
Receive buffer register for serializer 9
0x01D0 02A8
RBUF10(2)
Receive buffer register for serializer 10
0x01D0 02AC
RBUF11(2)
Receive buffer register for serializer 11
0x01D0 02B0
RBUF12(2)
Receive buffer register for serializer 12
0x01D0 02B4
RBUF13(2)
Receive buffer register for serializer 13
0x01D0 02B8
RBUF14(2)
Receive buffer register for serializer 14
0x01D0 02BC
RBUF15(2)
Receive buffer register for serializer 15
(1)
Writes to XRBUF originate from peripheral configuration port only when XBUSEL = 1 in XFMT.
(2)
Reads from XRBUF originate on peripheral configuration port only when RBUSEL = 1 in RFMT.
Table 5-43. McASP Registers Accessed Through DMA Port
ACCESS
BYTE
ACRONYM
REGISTER DESCRIPTION
TYPE
ADDRESS
Read
0x01D0 2000
RBUF
Receive buffer DMA port address. Cycles through receive serializers, skipping over transmit
Accesses
serializers and inactive serializers. Starts at the lowest serializer at the beginning of each
time slot. Reads from DMA port only if XBUSEL = 0 in XFMT.
Write
0x01D0 2000
XBUF
Transmit buffer DMA port address. Cycles through transmit serializers, skipping over receive
Accesses
and inactive serializers. Starts at the lowest serializer at the beginning of each time slot.
Writes to DMA port only if RBUSEL = 0 in RFMT.
Copyright © 2010–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
107
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com